công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1086CT-3.3/NOPB bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM1086CT-3.3/NOPB
Giải thích chi tiết về linh kiện  LM1086IT-5.0-NOPB
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086CT-3.3/NOPB bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM1086CT-3.3/NOPB Datasheet HTML 1Page - Texas Instruments LM1086CT-3.3/NOPB Datasheet HTML 2Page - Texas Instruments LM1086CT-3.3/NOPB Datasheet HTML 3Page - Texas Instruments LM1086CT-3.3/NOPB Datasheet HTML 4Page - Texas Instruments LM1086CT-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LM1086CT-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LM1086CT-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LM1086CT-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LM1086CT-3.3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM1086
www.ti.com
SNVS039H – JUNE 2000 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Maximum Input-to-Output Voltage Differential
LM1086-ADJ
29V
LM1086-1.8
27V
LM1086-2.5
27V
LM1086-2.85
27V
LM1086-3.3
27V
LM1086-3.45
27V
LM1086-5.0
25V
Power Dissipation (3)
Internally Limited
Junction Temperature (TJ)
(4)
150°C
Storage Temperature Range
-65°C to 150°C
Lead Temperature
260°C, to 10 sec
ESD Tolerance (5)
2000V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Power dissipation is kept in a safe range by current limiting circuitry. Refer to OVERLOAD RECOVERY in Application Note. The value
θJA for the WSON package is specifically dependent on PCB trace area, trace material, and the number of thermal vias. For improved
thermal resistance and power dissipation for the WSON package, refer to Application Note AN-1187 (literature number SNOA401).
(4)
The maximum power dissipation is a function of TJ(MAX) , θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX)–T A)/θJA. All numbers apply for packages soldered directly into a PC board. Refer to Thermal
Considerations in the Application Notes.
(5)
For testing purposes, ESD was applied using human body model, 1.5k
Ω in series with 100pF.
Operating Ratings
(1)
Junction Temperature Range (TJ)
(2)
Control Section
0°C to 125°C
"C" Grade
Output Section
0°C to 150°C
Control Section
−40°C to 125°C
"I" Grade
Output Section
−40°C to 150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(MAX) , θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX)–T A)/θJA. All numbers apply for packages soldered directly into a PC board. Refer to Thermal
Considerations in the Application Notes.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM1086


Số phần tương tự - LM1086CT-3.3/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM1086CT-3.3/NOPB TI1-LM1086CT-3.3/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086CT-3.3/NOPB TI1-LM1086CT-3.3/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086CT-3.3/NOPB TI1-LM1086CT-3.3/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
More results

Mô tả tương tự - LM1086CT-3.3/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM136-5.0 TI-LM136-5.0_15 Datasheet
432Kb / 14P
[Old version datasheet]   LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
logo
TAI-SAW TECHNOLOGY CO.,...
TN0068A TAI-SAW-TN0068A Datasheet
336Kb / 7P
   Thru 40MHz~1040MHz SMD 5.0 x 5.0 mm
logo
SunLED Corporation
XZM2CRKDGKCBD107S-IC SUNLED-XZM2CRKDGKCBD107S-IC Datasheet
364Kb / 6P
   5.0 x 5.0 mm Surface Mount LED Lamp
logo
Panasonic Semiconductor
LN21RTH PANASONIC-LN21RTH Datasheet
30Kb / 1P
   5.0 mm Series
logo
Vectron International, ...
VCC1FIBR VECTRON-VCC1FIBR Datasheet
93Kb / 1P
   5.0 Vcd Option
logo
Panasonic Semiconductor
LNG892CF8 PANASONIC-LNG892CF8 Datasheet
29Kb / 1P
   5.0 mm InGaAIP
logo
Vishay Siliconix
30CTT100 VISHAY-30CTT100_15 Datasheet
82Kb / 7P
   Schottky Generation 5.0
Revision: 19-Feb-08
logo
Golledge Electronics Lt...
GVXO-525 GOLLEDGE-GVXO-525 Datasheet
92Kb / 2P
   5.0 SM VCXO
logo
HK TO-GRACE TECHNOLOGY ...
KAAF-5050RGBS-13 TO-GRACE-KAAF-5050RGBS-13 Datasheet
1Mb / 5P
   5.0 mm x 5.0 mm Surface Mount LED Lamp
logo
Panasonic Semiconductor
LN21RCPH PANASONIC-LN21RCPH Datasheet
316Kb / 3P
   phi 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com