công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1085ISX-3.3 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM1085ISX-3.3
Giải thích chi tiết về linh kiện  LM1085 3A Low Dropout Positive Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1085ISX-3.3 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM1085ISX-3.3 Datasheet HTML 1Page - Texas Instruments LM1085ISX-3.3 Datasheet HTML 2Page - Texas Instruments LM1085ISX-3.3 Datasheet HTML 3Page - Texas Instruments LM1085ISX-3.3 Datasheet HTML 4Page - Texas Instruments LM1085ISX-3.3 Datasheet HTML 5Page - Texas Instruments LM1085ISX-3.3 Datasheet HTML 6Page - Texas Instruments LM1085ISX-3.3 Datasheet HTML 7Page - Texas Instruments LM1085ISX-3.3 Datasheet HTML 8Page - Texas Instruments LM1085ISX-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM1085
www.ti.com
SNVS038G – JULY 1999 – REVISED MARCH 2013
LM1085 3A Low Dropout Positive Regulators
Check for Samples: LM1085
1
FEATURES
DESCRIPTION
The LM1085 is a series of low dropout positive
2
Available in 3.3V, 5.0V, 12V and Adjustable
voltage regulators with a maximum dropout of 1.5V at
Versions
3A of load current. It has the same pin-out as TI's
Current Limiting and Thermal Protection
industry standard LM317.
Output Current 3A
The LM1085 is available in an adjustable version,
Line Regulation 0.015% (typical)
which can set the output voltage with only two
external resistors. It is also available in three fixed
Load Regulation 0.1% (typical)
voltages: 3.3V, 5.0V and 12.0V. The fixed versions
integrate the adjust resistors.
APPLICATIONS
The
LM1085
circuit
includes
a
zener
trimmed
High Efficiency Linear Regulators
bandgap reference, current limiting and thermal
Battery Charger
shutdown.
Post Regulation for Switching Supplies
The LM1085 series is available in TO-220 and
Constant Current Regulator
DDPAK/TO-263 packages. Refer to the LM1084 for
Microprocessor Supply
the 5A version, and the LM1086 for the 1.5A version.
Connection Diagram
Figure 1. TO-220 Top View
Figure 2. DDPAK/TO-263 Top View
Figure 3. Basic Functional Diagram, Adjustable
Figure 4. Application Circuit
Version
1.2V to 15V Adjustable Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM1085ISX-3.3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM1085ISX-3.3 NSC-LM1085ISX-3.3 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085ISX-3.3 TI1-LM1085ISX-3.3 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1085ISX-3.3/NOPB TI1-LM1085ISX-3.3/NOPB Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
More results

Mô tả tương tự - LM1085ISX-3.3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com