công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8811IBDRBR bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện DAC8811IBDRBR
Giải thích chi tiết về linh kiện  16-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8811IBDRBR bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button DAC8811IBDRBR Datasheet HTML 6Page - Texas Instruments DAC8811IBDRBR Datasheet HTML 7Page - Texas Instruments DAC8811IBDRBR Datasheet HTML 8Page - Texas Instruments DAC8811IBDRBR Datasheet HTML 9Page - Texas Instruments DAC8811IBDRBR Datasheet HTML 10Page - Texas Instruments DAC8811IBDRBR Datasheet HTML 11Page - Texas Instruments DAC8811IBDRBR Datasheet HTML 12Page - Texas Instruments DAC8811IBDRBR Datasheet HTML 13Page - Texas Instruments DAC8811IBDRBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
GND
OPA277
−2.5V
GND
0 3 VOUT 3 +2.5V
VOUT
IOUT
OPA277
C1
RFB
DAC8811
VDD
VDD
+2.5V Reference
VIN
VOUT
VREF
+
+
Bipolar Output Circuit
V
OUT
+
D
32, 768 *
1
V
REF
(2)
R
FB
OPA277
U4
−2.5V 3 VOUT 3 +2.5V
(−10V 3 VOUT 3 +10V)
VOUT
10 kW
10 kW
+2.5V
(+10V)
VREF
VDD
VDD
GND
DAC8811
OPA277
U2
IOUT
C1
C2
5 kW
+
+
Programmable Current Source Circuit
I
L +
(R2
)R3)
R1
R3
V
REF
D
(3)
DAC8811
SLAS411B – NOVEMBER 2004 – REVISED FEBRUARY 2007
APPLICATION INFORMATION (continued)
Figure 21. Positive Voltage Output Circuit
The DAC8811, as a 2-quadrant multiplying DAC, can be used to generate a unipolar output. The polarity of the
full-scale output IOUT is the inverse of the input reference voltage at VREF.
Some applications require full 4-quadrant multiplying capabilities or bipolar output swing. As shown in Figure 22,
external op amp U4 is added as a summing amp and has a gain of 2X that widens the output span to 5 V. A
4-quadrant multiplying circuit is implemented by using a 2.5-V offset of the reference voltage to bias U4.
According to the circuit transfer equation given in Equation 2, input data (D) from code 0 to full scale produces
output voltages of VOUT = -2.5 V to VOUT = +2.5 V.
External resistance mismatching is the significant error in Figure 22.
Figure 22. Bipolar Output Circuit
A DAC8811 can be integrated into the circuit in Figure 23 to implement an improved Howland current pump for
precise voltage to current conversions. Bidirectional current flow and high voltage compliance are two features of
the circuit. With a matched resistor network, the load current of the circuit is shown by Equation 3:
10
Submit Documentation Feedback


Số phần tương tự - DAC8811IBDRBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8811IBDRBT TI1-DAC8811IBDRBT Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811IBDRBTG4 TI1-DAC8811IBDRBTG4 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Mô tả tương tự - DAC8811IBDRBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com