công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM4041-N bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
LM4041-N bảng dữ liệu(HTML) 6 Page - Texas Instruments |
6 / 33 page LM4041-N SNOS641E – OCTOBER 1999 – REVISED APRIL 2013 www.ti.com LM4041-N 1.2 Electrical Characteristics (Extended Temperature Range) Boldface limits apply for TA = TJ = TMINto TMAX; all other limits TA = TJ = 25°C. The grades C, D and E designate initial Reverse Breakdown Voltage tolerance of ±0.5%, ±1.0% and ±2.0% respectively. Symbol Parameter Conditions Typical(1) LM4041CEM3 LM4041DEM3 LM4041EEM3 Units Limits(2) Limits(2) Limits(2) (Limit) VR Reverse Breakdown IR = 100 μA 1.225 V Voltage Reverse Breakdown IR = 100 μA ±6 ±12 ±25 mV (max) Voltage Error(3) ±18.4 ±31 ±43 mV (max) IRMIN Minimum Operating 45 μA Current 60 65 65 μA (max) 68 73 73 μA (max) ΔVR/ΔT VR Temperature IR= 10 mA ±20 ppm/°C Coefficient(3) IR = 1 mA ±15 ±100 ±150 ±150 ppm/°C (max) IR = 100 μA ±15 ppm/°C ΔVR/ΔI Reverse Breakdown IRMIN ≤ IR ≤ 1.0 mA 0.7 mV R Change with 1.5 2.0 2.0 mV (max) Current(4) 2.0 2.5 2.5 mV (max) 1 mA ≤ IR ≤ 12 mA 2.5 mV 6.0 8.0 8.0 mV (max) 8.0 10.0 10.0 mV (max) ZR Reverse Dynamic IR = 1 mA, f = 120 0.5 Ω Impedance Hz, Ω (max) IAC= 0.1 IR 1.5 2.0 2.0 eN Noise Voltage IR = 100 μA 20 μVrms 10 Hz ≤ f ≤ 10 kHz ΔVR Long Term Stability t = 1000 hrs (Non-Cumulative) T = 25°C ±0.1°C 120 ppm IR = 100 μA VHYST Thermal Hysteresis(5) ΔT = −40°C to 0.08 % +125°C (1) Typicals are at TJ = 25°C and represent most likely parametric norm. (2) Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control (SQC) methods. The limits are used to calculate AOQL. (3) The boldface (over-temperature) limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage Tolerance ±[( ΔVR↱ΔT)(max ΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference in temperature from the reference point of 25 °C to T MAX or TMIN, and VR is the reverse breakdown voltage. The total over- temperature tolerance for the different grades in the industrial temperature range where max ΔT=65°C is shown below: A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C The total over-temperature tolerance for the different grades in the extended temperature range where max ΔT = 100 °C is shown below: B-grade: ±1.2% = ±0.2% ±100 ppm/°C × 100°C C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C E-grade: ±4.5% = ±2.0% ±150 ppm/°C × 100°C Therefore, as an example, the A-grade LM4041-N 1.2 has an over-temperature Reverse Breakdown Voltage tolerance of ±1.2V × 0.75% = ±9.2 mV. (4) Load regulation is measured on pulse basis from no load to the specified load current. Ouput changes due to die temperature change must be taken into account separately.- (5) Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C measurement after cycling to temperature +125°C. 6 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM4041-N |
Số phần tương tự - LM4041-N |
|
Mô tả tương tự - LM4041-N |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |