công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8811IBDGKT bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8811IBDGKT
Giải thích chi tiết về linh kiện  16-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8811IBDGKT bảng dữ liệu(HTML) 4 Page - Texas Instruments

  DAC8811IBDGKT Datasheet HTML 1Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 2Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 3Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 4Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 5Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 6Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 7Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 8Page - Texas Instruments DAC8811IBDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
PIN ASSIGNMENTS
DRB PACKAGE
(TOP VIEW)
DGK PACKAGE
(TOP VIEW)
CLK
SDI
RFB
VREF
CS
VDD
GND
IOUT
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
CLK
SDI
RFB
VREF
CS
VDD
GND
IOUT
DAC8811
SLAS411B – NOVEMBER 2004 – REVISED FEBRUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
V
DD = 2.7 V to 5.5 V; IOUT = Virtual GND, GND = 0 V; VREF = 10 V; TA = full operating temperature. All specifications -40°C to
85
°C, unless otherwise noted.
DAC8811
PARAMETER
CONDITIONS
UNITS
MIN
TYP
MAX
Digital feedthrough
CS = 1 and fCLK = 1 MHz
2
nV/s
Total harmonic distortion
VREF = 5 VPP, Data = FFFFh, f = 1 kHz
–105
dB
Output spot noise voltage
f = 1 kHz, BW = 1 Hz
12
nV/
√Hz
Table 1. TERMINAL FUNCTIONS
PIN
NAME
DESCRIPTION
1
CLK
Clock input; positive edge triggered clocks data into shift register
2
SDI
Serial register input; data loads directly into the shift register MSB first. Extra leading bits are ignored.
3
RFB
Internal matching feedback resistor. Connect to external op amp output.
4
VREF
DAC reference input pin. Establishes DAC full-scale voltage. Constant input resistance versus code.
5
IOUT
DAC current output. Connects to inverting terminal of external precision I/V op amp.
6
GND
Analog and digital ground.
7
VDD
Positive power supply input. Specified operating range of 2.7 V to 5.5 V.
Chip-select; active low digital input. Transfers shift register data to DAC register on rising edge. See Table 2 for
8
CS
operation.
4
Submit Documentation Feedback


Số phần tương tự - DAC8811IBDGKT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8811IBDGKT TI1-DAC8811IBDGKT Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811IBDGKTG4 TI1-DAC8811IBDGKTG4 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Mô tả tương tự - DAC8811IBDGKT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com