công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8811ICDGKR bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8811ICDGKR
Giải thích chi tiết về linh kiện  16-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8811ICDGKR bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button DAC8811ICDGKR Datasheet HTML 4Page - Texas Instruments DAC8811ICDGKR Datasheet HTML 5Page - Texas Instruments DAC8811ICDGKR Datasheet HTML 6Page - Texas Instruments DAC8811ICDGKR Datasheet HTML 7Page - Texas Instruments DAC8811ICDGKR Datasheet HTML 8Page - Texas Instruments DAC8811ICDGKR Datasheet HTML 9Page - Texas Instruments DAC8811ICDGKR Datasheet HTML 10Page - Texas Instruments DAC8811ICDGKR Datasheet HTML 11Page - Texas Instruments DAC8811ICDGKR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
THEORY OF OPERATION
VREF
GND
IOUT
2R
2R
2R
2R
2R
2R
2R
2R
2R
2R
2R
2R
RFB
R
R
R
V
OUT
+ *VREF
CODE
65536
(1)
_
+
OPA277
V+
V−
15 V
−15 V
VO
VDD
RFB
IOUT
GND
DAC8811
U2
U1
VDD
VREF
DAC8811
SLAS411B – NOVEMBER 2004 – REVISED FEBRUARY 2007
The DAC8811 is a single channel current output, 16-bit digital-to-analog converter (DAC). The architecture,
illustrated in Figure 17, is an R-2R ladder configuration with the three MSBs segmented. Each 2R leg of the
ladder is either switched to GND or the IOUT terminal. The IOUT terminal of the DAC is held at a virtual GND
potential by the use of an external I/V converter op amp. The R-2R ladder is connected to an external reference
input VREF that determines the DAC full-scale current. The R-2R ladder presents a code independent load
impedance to the external reference of 5 k
Ω ±25%. The external reference voltage can vary in a range of -15 V
to 15 V, thus providing bipolar IOUT current operation. By using an external I/V converter and the DAC8811 RFB
resistor, output voltage ranges of -VREF to VREF can be generated.
Figure 17. Equivalent R-2R DAC Circuit
When using an external I/V converter and the DAC8811 RFB resistor, the DAC output voltage is given by
Equation 1:
Each DAC code determines the 2R leg switch position to either GND or IOUT. Because the DAC output
impedance as seen looking into the IOUT terminal changes versus code, the external I/V converter noise gain will
also change. Because of this, the external I/V converter op amp must have a sufficiently low offset voltage such
that the amplifier offset is not modulated by the DAC IOUT terminal impedance change. External op amps with
large offset voltages can produce INL errors in the transfer function of the DAC8811 due to offset modulation
versus DAC code. For best linearity performance of the DAC8811, an op amp (OPA277) is recommended
(Figure 18). This circuit allows VREF swinging from -10 V to +10 V.
Figure 18. Voltage Output Configuration
8
Submit Documentation Feedback


Số phần tương tự - DAC8811ICDGKR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8811ICDGKR TI1-DAC8811ICDGKR Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKRG4 TI1-DAC8811ICDGKRG4 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Mô tả tương tự - DAC8811ICDGKR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com