công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1881 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM1881
Giải thích chi tiết về linh kiện  AC Coupled Composite input Signal
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM1881 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LM1881 Datasheet HTML 4Page - Texas Instruments LM1881 Datasheet HTML 5Page - Texas Instruments LM1881 Datasheet HTML 6Page - Texas Instruments LM1881 Datasheet HTML 7Page - Texas Instruments LM1881 Datasheet HTML 8Page - Texas Instruments LM1881 Datasheet HTML 9Page - Texas Instruments LM1881 Datasheet HTML 10Page - Texas Instruments LM1881 Datasheet HTML 11Page - Texas Instruments LM1881 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LM1881
SNLS384F – FEBRUARY 1995 – REVISED MARCH 2013
www.ti.com
BURST/BACKPORCH OUTPUT PULSE
In a composite video signal, the chroma burst is located on the backporch of the horizontal blanking period. This
period, approximately 4.8 µs long, is also the black level reference for the subsequent video scan line. The
LM1881 generates a pulse at Pin 5 that can be used either to retrieve the chroma burst from the composite video
signal (thus providing a subcarrier synchronizing signal) or as a clamp for the DC restoration of the video
waveform. This output is obtained simply by charging an internal capacitor starting on the trailing edge of the
horizontal sync pulses. Simultaneously the output of Pin 5 is pulled low and held until the capacitor charge circuit
times out—4 µs later. A shorter output burst gate pulse can be derived by differentiating the burst output using a
series C-R network. This may be necessary in applications which require high horizontal scan rates in
combination with normal (60 Hz–120 Hz) vertical scan rates.
APPLICATIONS
Apart from extracting a composite sync signal free of video information, the LM1881 outputs allow a number of
interesting applications to be developed. As mentioned above, the burst gate/backporch clamp pulse allows DC
restoration of the original video waveform for display or remodulation on an R.F. carrier, and retrieval of the color
burst for color synchronization and decoding into R.G.B. components. For frame memory storage applications,
the odd/even field lever allows identification of the appropriate field ensuring the correct read or write sequence.
The vertical pulse output is particularly useful since it begins at a precise time—the rising edge of the first vertical
serration in the sync waveform. This means that individual lines within the vertical blanking period (or anywhere
in the active scan line period) can easily be extracted by counting the required number of transitions in the
composite sync waveform following the start of the vertical output pulse.
The vertical blanking interval is proving popular as a means to transmit data which will not appear on a normal
T.V. receiver screen. Data can be inserted beginning with line 10 (the first horizontal scan line on which the color
burst appears) through to line 21. Usually lines 10 through 13 are not used which leaves lines 14 through 21 for
inserting signals, which may be different from field to field. In the U.S., line 19 is normally reserved for a vertical
interval reference signal (VIRS) and line 21 is reserved for closed caption data for the hearing impaired. The
remaining lines are used in a number of ways. Lines 17 and 18 are frequently used during studio processing to
add and delete vertical interval test signals (VITS) while lines 14 through 18 and line 20 can be used for
Videotex/Teletext data. Several institutions are proposing to transmit financial data on line 17 and cable systems
use the available lines in the vertical interval to send decoding data for descrambler terminals.
Since the vertical output pulse from the LM1881 coincides with the leading edge of the first vertical serration,
sixteen positive or negative transitions later will be the start of line 14 in either field. At this point simple counters
can be used to select the desired line(s) for insertion or deletion of data.
VIDEO LINE SELECTOR
The circuit in Figure 10 puts out a singe video line according to the binary coded information applied to line
select bits b0–b7. A line is selected by adding two to the desired line number, converting to a binary equivalent
and applying the result to the line select inputs. The falling edge of the LM1881's vertical pulse is used to load
the appropriate number into the counters (MM74C193N) and to set a start count latch using two NAND gates.
Composite sync transitions are counted using the borrow out of the desired number of counters. The final borrow
out pulse is used to turn on the analog switch (CD4066BC) during the desired line. The falling edge of this signal
also resets the start count latch, thereby terminating the counting.
The circuit, as shown, will provide a single line output for each field in an interlaced video system (television) or a
single line output in each frame for a non-interlaced video system (computer monitor). When a particular line in
only one field of an interlaced video signal is desired, the odd/even field index output must be used instead of the
vertical output pulse (invert the field index output to select the odd field). A single counter is needed for selecting
lines 3 to 14; two counters are needed for selecting lines 15 to 253; and three counters will work for up to 2046
lines. An output buffer is required to drive low impedance loads.
8
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1881


Số phần tương tự - LM1881

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LM1881 NSC-LM1881 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881-X NSC-LM1881-X Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LM1881M NSC-LM1881M Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Texas Instruments
LM1881M TI1-LM1881M Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
More results

Mô tả tương tự - LM1881

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SFH620-1 ETC1-SFH620-1 Datasheet
57Kb / 3P
   AC INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH620A-1 ISOCOM-SFH620A-1 Datasheet
437Kb / 3P
   AC INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
IS354 ETC1-IS354 Datasheet
790Kb / 6P
   HIGH DENSITY MOUNTING AC INPUT, PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
IS126 ETC-IS126 Datasheet
786Kb / 6P
   HIGH DENSITY MOUNTING AC INPUT, PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PCI01 ETC-PCI01 Datasheet
291Kb / 34P
   Periphelar Coupled Input NPN
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
   AC coupled HDMI level shifter
logo
Silicon Laboratories
SI5013-EVB SILABS-SI5013-EVB Datasheet
1Mb / 11P
   Differential I/Os ac coupled
logo
ISOCOM COMPONENTS
IS604X ISOCOM-IS604X Datasheet
47Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
H11AA1 ISOCOM-H11AA1 Datasheet
368Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
CNY35X ETC-CNY35X Datasheet
44Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com