công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1881 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM1881
Giải thích chi tiết về linh kiện  AC Coupled Composite input Signal
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM1881 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM1881 Datasheet HTML 3Page - Texas Instruments LM1881 Datasheet HTML 4Page - Texas Instruments LM1881 Datasheet HTML 5Page - Texas Instruments LM1881 Datasheet HTML 6Page - Texas Instruments LM1881 Datasheet HTML 7Page - Texas Instruments LM1881 Datasheet HTML 8Page - Texas Instruments LM1881 Datasheet HTML 9Page - Texas Instruments LM1881 Datasheet HTML 10Page - Texas Instruments LM1881 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LM1881
www.ti.com
SNLS384F – FEBRUARY 1995 – REVISED MARCH 2013
*Components Optional, See Text
Figure 9.
ODD/EVEN FIELD PULSE
An unusual feature of LM1881 is an output level from Pin 7 that identifies the video field present at the input to
the LM1881. This can be useful in frame memory storage applications or in extracting test signals that occur in
alternate fields. For a composite video signal that is interlaced, one of the two fields that make up each video
frame or picture must have a half horizontal scan line period at the end of the vertical scan—i.e., at the bottom of
the picture. This is called the “odd field” or “even field”. The “even field” or “field 2” has a complete horizontal
scan line at the end of the field. An odd field starts on the leading edge of the first equalizing pulse, whereas the
even field starts on the leading edge of the second equalizing pulse of the vertical retrace interval. Figure 8(a)
shows the end of the even field and the start of the odd field.
To detect the odd/even fields the LM1881 again integrates the composite sync waveform (Figure 9). A capacitor
is charged during the period between sync pulses and discharged when the sync pulse is present. The period
between normal horizontal sync pulses is enough to allow the capacitor voltage to reach a threshold level of a
comparator that clears a flip-flop which is also being clocked by the sync waveform. When the vertical interval is
reached, the shorter integration time between equalizing pulses prevents this threshold from being reached and
the Q output of the flip-flop is toggled with each equalizing pulse. Since the half line period at the end of the odd
field will have the same effect as an equalizing pulse period, the Q output will have a different polarity on
successive fields. Thus by comparing the Q polarity with the vertical output pulse, an odd/even field index is
generated. Pin 7 remains low during the even field and high during the odd field.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM1881


Số phần tương tự - LM1881

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LM1881 NSC-LM1881 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881-X NSC-LM1881-X Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LM1881M NSC-LM1881M Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Texas Instruments
LM1881M TI1-LM1881M Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
More results

Mô tả tương tự - LM1881

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SFH620-1 ETC1-SFH620-1 Datasheet
57Kb / 3P
   AC INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH620A-1 ISOCOM-SFH620A-1 Datasheet
437Kb / 3P
   AC INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
IS354 ETC1-IS354 Datasheet
790Kb / 6P
   HIGH DENSITY MOUNTING AC INPUT, PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
IS126 ETC-IS126 Datasheet
786Kb / 6P
   HIGH DENSITY MOUNTING AC INPUT, PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PCI01 ETC-PCI01 Datasheet
291Kb / 34P
   Periphelar Coupled Input NPN
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
   AC coupled HDMI level shifter
logo
Silicon Laboratories
SI5013-EVB SILABS-SI5013-EVB Datasheet
1Mb / 11P
   Differential I/Os ac coupled
logo
ISOCOM COMPONENTS
IS604X ISOCOM-IS604X Datasheet
47Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
H11AA1 ISOCOM-H11AA1 Datasheet
368Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
CNY35X ETC-CNY35X Datasheet
44Kb / 3P
   A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com