công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FQP33N10 bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FQP33N10
Giải thích chi tiết về linh kiện  100V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP33N10 bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FQP33N10 Datasheet HTML 1Page - Fairchild Semiconductor FQP33N10 Datasheet HTML 2Page - Fairchild Semiconductor FQP33N10 Datasheet HTML 3Page - Fairchild Semiconductor FQP33N10 Datasheet HTML 4Page - Fairchild Semiconductor FQP33N10 Datasheet HTML 5Page - Fairchild Semiconductor FQP33N10 Datasheet HTML 6Page - Fairchild Semiconductor FQP33N10 Datasheet HTML 7Page - Fairchild Semiconductor FQP33N10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2000 Fairchild Semiconductor International
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
Rev. A, April 2000
Electrical Characteristics
T
C = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 0.6mH, IAS = 33A, VDD = 25V, RG = 25 Ω, Starting TJ = 25°C
3. ISD  33A, di/dt  300A/µs, VDD  BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
 300µs, Duty cycle  2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
100
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.11
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 100 V, VGS = 0 V
--
--
1
µA
VDS = 80 V, TC = 150°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 25 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -25 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 16.5 A
--
0.040
0.052
gFS
Forward Transconductance
VDS = 40 V, ID = 16.5 A
--
22
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
1150
1500
pF
Coss
Output Capacitance
--
320
420
pF
Crss
Reverse Transfer Capacitance
--
62
80
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 50 V, ID = 33 A,
RG = 25 Ω
--
15
40
ns
tr
Turn-On Rise Time
--
195
400
ns
td(off)
Turn-Off Delay Time
--
80
170
ns
tf
Turn-Off Fall Time
--
110
230
ns
Qg
Total Gate Charge
VDS = 80 V, ID = 33 A,
VGS = 10 V
--
38
51
nC
Qgs
Gate-Source Charge
--
7.5
--
nC
Qgd
Gate-Drain Charge
--
18
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
33
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
132
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 33 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 33 A,
dIF / dt = 100 A/µs
--
80
--
ns
Qrr
Reverse Recovery Charge
--
0.22
--
µC


Số phần tương tự - FQP33N10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
FQP33N10 ISC-FQP33N10 Datasheet
166Kb / 2P
   N-Channel Mosfet Transistor
logo
Fairchild Semiconductor
FQP33N10L FAIRCHILD-FQP33N10L Datasheet
650Kb / 8P
   100V LOGIC N-Channel MOSFET
More results

Mô tả tương tự - FQP33N10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com