công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM317L-N bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM317L-N
Giải thích chi tiết về linh kiện  The LM317L-N is an adjustable 3-terminal positive voltage regulator capable of supplying 100mA over a 1.2V to 37V output range.
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM317L-N bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM317L-N Datasheet HTML 3Page - Texas Instruments LM317L-N Datasheet HTML 4Page - Texas Instruments LM317L-N Datasheet HTML 5Page - Texas Instruments LM317L-N Datasheet HTML 6Page - Texas Instruments LM317L-N Datasheet HTML 7Page - Texas Instruments LM317L-N Datasheet HTML 8Page - Texas Instruments LM317L-N Datasheet HTML 9Page - Texas Instruments LM317L-N Datasheet HTML 10Page - Texas Instruments LM317L-N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
LM317L-N
www.ti.com
SNVS775J – MARCH 2000 – REVISED MARCH 2013
Figure 17. Regulator with Line Resistance in Output Lead
THERMAL REGULATION
When power is dissipated in an IC, a temperature gradient occurs across the IC chip affecting the individual IC
circuit components. With an IC regulator, this gradient can be especially severe since power dissipation is large.
Thermal regulation is the effect of these temperature gradients on output voltage (in percentage output change)
per watt of power change in a specified time. Thermal regulation error is independent of electrical regulation or
temperature coefficient, and occurs within 5ms to 50ms after a change in power dissipation. Thermal regulation
depends on IC layout as well as electrical design. The thermal regulation of a voltage regulator is defined as the
percentage change of VOUT, per watt, within the first 10ms after a step of power is applied. The LM317L-N
specification is 0.2%/W, maximum.
In the Thermal Regulation curve at the bottom of the Typical Performance Characteristics page, a typical
LM317L-N's output changes only 7mV (or 0.07% of VOUT = −10V) when a 1W pulse is applied for 10ms. This
performance is thus well inside the specification limit of 0.2%/W × 1W = 0.2% maximum. When the 1W pulse is
ended, the thermal regulation again shows a 7mV change as the gradients across the LM317L-N chip die out.
Note that the load regulation error of about 14mV (0.14%) is additional to the thermal regulation error.
PROTECTION DIODES
When external capacitors are used with any IC regulator it is sometimes necessary to add protection diodes to
prevent the capacitors from discharging through low current points into the regulator. Most 10
μF capacitors have
low enough internal series resistance to deliver 20A spikes when shorted. Although the surge is short, there is
enough energy to damage parts of the IC.
When an output capacitor is connected to a regulator and the input is shorted, the output capacitor will discharge
into the output of the regulator. The discharge current depends on the value of the capacitor, the output voltage
of the regulator, and the rate of decrease of VIN. In the LM317L-N, this discharge path is through a large junction
that is able to sustain a 2A surge with no problem. This is not true of other types of positive regulators. For output
capacitors of 25
μF or less, the LM317L-N's ballast resistors and output structure limit the peak current to a low
enough level so that there is no need to use a protection diode.
The bypass capacitor on the adjustment terminal can discharge through a low current junction. Discharge occurs
when either the input or output is shorted. Internal to the LM317L-N is a 50
Ω resistor which limits the peak
discharge current. No protection is needed for output voltages of 25V or less and 10
μF capacitance. Figure 18
shows an LM317L-N with protection diodes included for use with outputs greater than 25V and high values of
output capacitance.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM317L-N


Số phần tương tự - LM317L-N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM317L-N TI1-LM317L-N Datasheet
435Kb / 22P
[Old version datasheet]   LM317L 3-Terminal Adjustable Regulator
LM317L-N TI1-LM317L-N Datasheet
2Mb / 37P
[Old version datasheet]   3-Terminal Adjustable Regulator
LM317L-N TI1-LM317L-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

Mô tả tương tự - LM317L-N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NTE Electronics
NTE1911 NTE-NTE1911 Datasheet
26Kb / 2P
   3 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V, 1.5A
NTE1901 NTE-NTE1901 Datasheet
24Kb / 3P
   Integrated Circuit Negative Adjustable Voltage Regulator, -1.2V to -37V, 100mA
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LM317L-N TI1-LM317L-N Datasheet
435Kb / 22P
[Old version datasheet]   LM317L 3-Terminal Adjustable Regulator
logo
NTE Electronics
NTE1929 NTE-NTE1929 Datasheet
26Kb / 2P
   3 Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A
logo
Unisonic Technologies
LM317M UTC-LM317M_V01 Datasheet
299Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LM2596T-5.0 TI-LM2596T-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   Adjustable Version Output Voltage Range, 1.2V to 37V 짹4% Max Over Line and Load Conditions
logo
Unisonic Technologies
LM317M UTC-LM317M_11 Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com