công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM193-N bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM193-N
Giải thích chi tiết về linh kiện  The LM193 series consists of two independent presision voltage comparators with an offset voltage specification as low as 2.0 mV max for two comparators which weredesigned specifically to operate from a single power supply over a wide range of voltage.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM193-N bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM193-N Datasheet HTML 2Page - Texas Instruments LM193-N Datasheet HTML 3Page - Texas Instruments LM193-N Datasheet HTML 4Page - Texas Instruments LM193-N Datasheet HTML 5Page - Texas Instruments LM193-N Datasheet HTML 6Page - Texas Instruments LM193-N Datasheet HTML 7Page - Texas Instruments LM193-N Datasheet HTML 8Page - Texas Instruments LM193-N Datasheet HTML 9Page - Texas Instruments LM193-N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LM193-N, LM2903-N, LM293-N, LM393-N
SNOSBJ6E – OCTOBER 1999 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
LM193/LM293/LM393, LM193A
Supply Current
Input Current
Figure 7.
Figure 8.
Response Time for Various Input Overdrives—Negative
Output Saturation Voltage
Transition
Figure 9.
Figure 10.
Response Time for Various Input Overdrives—Positive Transition
Figure 11.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM193-N LM2903-N LM293-N LM393-N


Số phần tương tự - LM193-N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM193-N TI1-LM193-N Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI-LM193-N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N Datasheet
1Mb / 25P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N_14 Datasheet
1Mb / 25P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
More results

Mô tả tương tự - LM193-N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM139-N TI-LM139-N Datasheet
1Mb / 30P
[Old version datasheet]   The LM139 series consists of four independent precision voltage comparators with an offset voltage specification as low as 2 mV max for all four comparators.
logo
Estek Electronics Co. L...
LM339 ESTEK-LM339 Datasheet
2Mb / 6P
   consists of four independent voltage comparators
LM393 ESTEK-LM393 Datasheet
384Kb / 4P
   two independent voltage comparators
logo
Seiko Instruments Inc
EG7500B-LS SII-EG7500B-LS Datasheet
445Kb / 25P
   This specification consists of two doucuments as follows
logo
HTC Korea TAEJIN Techno...
LM2904 HTC-LM2904 Datasheet
197Kb / 4P
   The LM2904 consists of two independent
logo
Texas Instruments
LM193-N TI1-LM193-N Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193-N TI1-LM193-N_14 Datasheet
1Mb / 25P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393MX_NOPB TI1-LM393MX_NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393-N TI-LM393-N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
logo
Marl International Limi...
533-105-63_1307 MARL-533-105-63_1307 Datasheet
255Kb / 4P
   Product will operate over a wide voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com