công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5357B bảng dữ liệu(PDF) 3 Page - Micro Commercial Components

tên linh kiện 1N5357B
Giải thích chi tiết về linh kiện  5 Watt Zener Diode 5.1 to 51 Volts Epoxy meets UL 94 V-0 flammability rating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MCC [Micro Commercial Components]
Trang chủ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N5357B bảng dữ liệu(HTML) 3 Page - Micro Commercial Components

  1N5357B Datasheet HTML 1Page - Micro Commercial Components 1N5357B Datasheet HTML 2Page - Micro Commercial Components 1N5357B Datasheet HTML 3Page - Micro Commercial Components 1N5357B Datasheet HTML 4Page - Micro Commercial Components 1N5357B Datasheet HTML 5Page - Micro Commercial Components 1N5357B Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3. SURGE CURRENT (Ir) - Surge current is specified as the maximum allowable peak, non-recurrent square-wave
current with a pulse width, PW, of 8.3 ms. The data given in Figure 5 may be used to find the maximum surge
current for a quare wave of any pulse width between 1 ms and 1000ms by plotting the applicable points on
logarithmic paper. Examples of this, using the 6.8v ,
is shown in Figure 6. Mounting
contact located as specified in Note 3. (TA=25
).
4. VOLTAGE REGULATION (Vz) - Test conditions for voltage regulation are as follows: Vz measurements are made
at 10% and then at 50% of the Iz max value listed in the electrical characteristics table. The test currents are the
same for the 5% and 10% tolerance devices. The test current time druation for each Vz measurement is 40+/- 10 ms.
(TA=25C ). Mounting contact located as specified in Note2.
5. MAXIMUM REGULATOR CURRENT (IZM) - The maximum current shown is based on the maximum voltage of a
5% type unit. Therefore, it applies only to the B-suffix device. The actual IZM for any device may not exceed the
value of 5 watts divided by the actual Vz of the device. TL=75Cat maximum from the device body.
APPLICATION NOTE:
1N5338B THRU 1N5369B
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 6
Since the actual voltage available from a given Zener
diode is temperature dependent, it is necessary to determine
junction temperature under any set of operating conditions
in order to calculate its value. The following procedure is
recommended:
Lead Temperature, TL, should be determined from:
TL = qLA PD + TA
qLA is the lead‐to‐ambient thermal resistance and PD is the
power dissipation.
Junction Temperature, TJ, may be found from:
TJ = TL + DTJL
DTJL is the increase in junction temperature above the lead
temperature and may be found from Figure 4 for a train of
power pulses or from Figure 1 for dc power.
DTJL = qJL PD
For worst‐case design, using expected limits of IZ, limits
of PD and the extremes of TJ (
DTJ) may be estimated.
Changes in voltage, VZ, can then be found from:
DV = qVZ DTJ
qVZ, the Zener voltage temperature coefficient, is found
from Figures 2 and 3.
Under high power‐pulse operation, the Zener voltage will
vary with time and may also be affected significantly by the
zener resistance. For best regulation, keep current
excursions as low as possible.
Data of Figure 4 should not be used to compute surge
capability. Surge limitations are given in Figure 5. They are
lower than would be expected by considering only junction
temperature, as current crowding effects cause temperatures
to be extremely high in small spots resulting in device
degradation should the limits of Figure 5 be exceeded.


Số phần tương tự - 1N5357B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Formosa MS
1N5357B FORMOSA-1N5357B Datasheet
948Kb / 4P
   5W Zener Diode 5.1 to 200V
logo
Motorola, Inc
1N5357B MOTOROLA-1N5357B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Shenzhen Luguang Electr...
1N5357B LUGUANG-1N5357B Datasheet
3Mb / 5P
   POWER DISSIPATION
logo
Semikron International
1N5357B SEMIKRON-1N5357B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Pan Jit International I...
1N5357B PANJIT-1N5357B Datasheet
53Kb / 3P
   SILICON ZENER DIODES
More results

Mô tả tương tự - 1N5357B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
RB521S-30-TP ETC2-RB521S-30-TP Datasheet
268Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
Micro Commercial Compon...
SK52AFL MCC-SK52AFL Datasheet
637Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
UF4007-TP MCC-UF4007-TP Datasheet
259Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
1N4004W MCC-1N4004W Datasheet
479Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
Shanghai Leiditech Elec...
BC846 LEIDITECH-BC846 Datasheet
595Kb / 5P
   Epoxy meets UL-94 V-0 flammability rating
ES2A LEIDITECH-ES2A Datasheet
512Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
Micro Commercial Compon...
1N5339B-TP MCC-1N5339B-TP Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts
DL5918B MCC-DL5918B Datasheet
219Kb / 3P
   1.5 Watt Zener Diode 5.1 to 51 Volts
logo
Marathon Special Produc...
R6T30AXS MARATHON-R6T30AXS Datasheet
481Kb / 3P
   Flammability rating of insulator base: UL 94 V-0
REV-D 05/30/2019
135X706 MARATHON-135X706 Datasheet
273Kb / 4P
   Flammability rating of insulator base: UL 94 V-0
REV-E 11/25/2019
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com