công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ14203TZ-ADJ bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LMZ14203TZ-ADJ
Giải thích chi tiết về linh kiện  LMZ14203 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203TZ-ADJ bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LMZ14203TZ-ADJ Datasheet HTML 1Page - Texas Instruments LMZ14203TZ-ADJ Datasheet HTML 2Page - Texas Instruments LMZ14203TZ-ADJ Datasheet HTML 3Page - Texas Instruments LMZ14203TZ-ADJ Datasheet HTML 4Page - Texas Instruments LMZ14203TZ-ADJ Datasheet HTML 5Page - Texas Instruments LMZ14203TZ-ADJ Datasheet HTML 6Page - Texas Instruments LMZ14203TZ-ADJ Datasheet HTML 7Page - Texas Instruments LMZ14203TZ-ADJ Datasheet HTML 8Page - Texas Instruments LMZ14203TZ-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Exposed Pad
Connect to GND
5
SS
6
FB
3
EN
1
VIN
2
RON
4
GND
7
VOUT
VIN
CIN
10 PF
Enable
RON
See Table
RFBT
CFF
0.022 PF
See Table
CSS
0.022 PF
RFBB
See Table
100 PF
LMZ14203
VOUT @ 3A
5V
5.62k
1.07k
100k
7.5...42V
VOUT RFBT
RFBB
RON
VIN Range
3.3V
3.32k
1.07k
61.9k
6...42V
2.5V
2.26k
1.07k
47.5k
6...30V
1.8V
1.87k
1.50k
32.4k
6...25V
1.5V
1.00k
1.13k
28.0k
6...21V
1.2V
4.22k
8.45k
22.6k
6...19V
0.8V
0
39.2k
24.9k
6...18V
LMZ14203
www.ti.com
SNVS632N – DECEMBER 2009 – REVISED MARCH 2013
Simplified Application Schematic
Connection Diagram
Figure 2. Top View
7-Lead PFM
Pin Descriptions
Pin
Name
Description
1
VIN
Supply input — Nominal operating range is 6V to 42V . A small amount of internal capacitance is contained within the
package assembly. Additional external input capacitance is required between this pin and exposed pad.
2
RON
On Time Resistor — An external resistor from VIN to this pin sets the on-time of the application. Typical values range from
25k to 124k ohms.
3
EN
Enable — Input to the precision enable comparator. Rising threshold is 1.18V nominal; 90 mV hysteresis nominal.
Maximum recommended input level is 6.5V.
4
GND
Ground — Reference point for all stated voltages. Must be externally connected to EP.
5
SS
Soft-Start — An internal 8 µA current source charges an external capacitor to produce the soft-start function. This node is
discharged at 200 µA during disable, over-current, thermal shutdown and internal UVLO conditions.
6
FB
Feedback — Internally connected to the regulation, over-voltage, and short-circuit comparators. The regulation reference
point is 0.8V at this input pin. Connected the feedback resistor divider between the output and ground to set the output
voltage.
7
VOUT
Output Voltage — Output from the internal inductor. Connect the output capacitor between this pin and exposed pad.
EP
EP
Exposed Pad — Internally connected to pin 4. Used to dissipate heat from the package during operation. Must be
electrically connected to pin 4 external to the package.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ14203


Số phần tương tự - LMZ14203TZ-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ14203TZ-ADJ NSC-LMZ14203TZ-ADJ Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14203TZ-ADJ NSC-LMZ14203TZ-ADJ Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
LMZ14203TZ-ADJ NSC-LMZ14203TZ-ADJ Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14203TZ-ADJ/NOPB TI-LMZ14203TZ-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
More results

Mô tả tương tự - LMZ14203TZ-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_11 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_14 Datasheet
2Mb / 24P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_1 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI-LMZ14201_13 Datasheet
2Mb / 26P
[Old version datasheet]   LMZ14201 1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com