công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ14202EXTTZ bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LMZ14202EXTTZ
Giải thích chi tiết về linh kiện  LMZ14202EXT 2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ14202EXTTZ bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LMZ14202EXTTZ Datasheet HTML 5Page - Texas Instruments LMZ14202EXTTZ Datasheet HTML 6Page - Texas Instruments LMZ14202EXTTZ Datasheet HTML 7Page - Texas Instruments LMZ14202EXTTZ Datasheet HTML 8Page - Texas Instruments LMZ14202EXTTZ Datasheet HTML 9Page - Texas Instruments LMZ14202EXTTZ Datasheet HTML 10Page - Texas Instruments LMZ14202EXTTZ Datasheet HTML 11Page - Texas Instruments LMZ14202EXTTZ Datasheet HTML 12Page - Texas Instruments LMZ14202EXTTZ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
3.26
3.28
3.30
3.32
3.34
3.36
0
0.4
OUTPUT CURRENT (A)
25°C
0.8
1.2
1.6
2
8
12
24
20
36
42
0
0.4
0.8
1.2
1.6
2
OUTPUT CURRENT (A)
3.310
3.315
3.320
3.325
3.330
3.335
3.340
3.345
3.350
3.355
3.360
42
36
12
24
8
20
85°C
0
0.4
0.8
1.2
1.6
2
50
60
70
80
90
100
OUTPUT CURRENT (A)
6.0
5.0
3.3
85°C
0
0.4
0.8
1.2
1.6
2
0.0
0.5
1.0
1.5
2.0
2.5
OUTPUT CURRENT (A)
6.0
5.0
3.3
85°C
0
0.4
0.8
1.2
1.6
2
50
60
70
80
90
100
OUTPUT CURRENT (A)
6.0
5.0
3.3
85°C
0
0.4
0.8
1.2
1.6
2
OUTPUT CURRENT (A)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
6.0
5.0
3.3
LMZ14202EXT
www.ti.com
SNVS665E – JUNE 2010 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 24V; Cin = 10uF X7R Ceramic; CO = 100uF X7R Ceramic;
Tambient = 25 C for efficiency curves and waveforms.
Efficiency 36V Input @ 85°C
Dissipation 36V Input @ 85°C
Figure 21.
Figure 22.
Efficiency 42V Input @ 85°C
Dissipation 42V Input @ 85°C
Figure 23.
Figure 24.
Line and Load Regulation @ 25°C
Line and Load Regulation @ 85°C
Figure 25.
Figure 26.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMZ14202EXT


Số phần tương tự - LMZ14202EXTTZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ14202EXTTZ NSC-LMZ14202EXTTZ Datasheet
748Kb / 10P
   LMZ1420xEXT/ LMZ1200xEXT Evaluation Board
logo
Texas Instruments
LMZ14202EXTTZ TI1-LMZ14202EXTTZ Datasheet
3Mb / 21P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14202EXTTZ/NOPB TI-LMZ14202EXTTZ/NOPB Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14202EXTTZE TI1-LMZ14202EXTTZE Datasheet
3Mb / 21P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14202EXTTZE/NOPB TI-LMZ14202EXTTZE/NOPB Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
More results

Mô tả tương tự - LMZ14202EXTTZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ14202EXT TI1-LMZ14202EXT Datasheet
3Mb / 21P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ14201EXT NSC-LMZ14201EXT Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12002EXT TI1-LMZ12002EXT Datasheet
3Mb / 23P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ14203EXT TI-LMZ14203EXT Datasheet
4Mb / 25P
[Old version datasheet]   LMZ14203EXT 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ10504EXT NSC-LMZ10504EXT Datasheet
1Mb / 22P
   4A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12001EXT TI1-LMZ12001EXT Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com