công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ14201 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LMZ14201
Giải thích chi tiết về linh kiện  LMZ14201 1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ14201 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LMZ14201_13 Datasheet HTML 5Page - Texas Instruments LMZ14201_13 Datasheet HTML 6Page - Texas Instruments LMZ14201_13 Datasheet HTML 7Page - Texas Instruments LMZ14201_13 Datasheet HTML 8Page - Texas Instruments LMZ14201_13 Datasheet HTML 9Page - Texas Instruments LMZ14201_13 Datasheet HTML 10Page - Texas Instruments LMZ14201_13 Datasheet HTML 11Page - Texas Instruments LMZ14201_13 Datasheet HTML 12Page - Texas Instruments LMZ14201_13 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
3.26
3.28
3.30
3.32
3.34
3.36
0
0.2
OUTPUT CURRENT (A)
85°C
0.4
0.6
0.8
1.0
6
8 12
24
20
36
42
3.24
3.26
3.28
3.30
3.32
3.34
0
0.2
OUTPUT CURRENT (A)
25°C
6
8
12
24
20
36
42
0.4
0.6
0.8
1.0
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
85°C
3.3
5.0
6.0
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
0.4
0.6
0.8
1
85°C
3.3
5.0
6.0
OUTPUT CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
0.4
0.6
0.8
1
85°C
3.3
5.0
6.0
OUTPUT CURRENT (A)
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
85°C
3.3
5.0
6.0
LMZ14201
www.ti.com
SNVS649E – JANUARY 2010 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 24V; Cin = 10uF X7R Ceramic; CO = 100uF X7R Ceramic;
Tambient = 25 C for efficiency curves and waveforms.
Efficiency 36V Input @ 85°C
Dissipation 36V Input @ 85°C
Figure 21.
Figure 22.
Efficiency 42V Input @ 85°C
Dissipation 42V Input @ 85°C
Figure 23.
Figure 24.
Line and Load Regulation @ 25°C
Line and Load Regulation @ 85°C
Figure 25.
Figure 26.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMZ14201


Số phần tương tự - LMZ14201_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201_1 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_11 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_14 Datasheet
2Mb / 24P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 TI-LMZ14201_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
More results

Mô tả tương tự - LMZ14201_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201_11 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_14 Datasheet
2Mb / 24P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_1 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14203 TI-LMZ14203_13 Datasheet
2Mb / 25P
[Old version datasheet]   LMZ14203 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12001 NSC-LMZ12001 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com