công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STW5093CYLT bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện STW5093CYLT
Giải thích chi tiết về linh kiện  2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5093CYLT bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button STW5093CYLT Datasheet HTML 6Page - STMicroelectronics STW5093CYLT Datasheet HTML 7Page - STMicroelectronics STW5093CYLT Datasheet HTML 8Page - STMicroelectronics STW5093CYLT Datasheet HTML 9Page - STMicroelectronics STW5093CYLT Datasheet HTML 10Page - STMicroelectronics STW5093CYLT Datasheet HTML 11Page - STMicroelectronics STW5093CYLT Datasheet HTML 12Page - STMicroelectronics STW5093CYLT Datasheet HTML 13Page - STMicroelectronics STW5093CYLT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
STw5093
10/34
Table 2. Control Register CR0 Functions
*:
state at power on initialization
(1):
significant in companded mode only
Table 3. Control Register CR1 Functions
*:
state at power on initialization
(1):
significant in companded mode only
X:
reserved: write 0
76
543
21
0
Function
F1
F0
CM
MA
IA
FF
B7
DL
0
0
1
1
0
1
0
1
MCLK or AUXCLK = 512 kHz
MCLK or AUXCLK = 1.536 MHz
MCLK or AUXCLK = 2.048 MHz
MCLK or AUXCLK = 2.560 MHz
*
0
1
Linear code
*
Companded code
Linear Code
Companed Code
0
0
1
1
0
1
0
1
2-complement
*
sign and magnitude
2-complement
1-complement
MU-law: CCITT D3-D4
*
MU-law: Bare Coding
A-law including even bit inversion
A-law: Bare Coding
0
1
B1 and B2 consecutive
*
(1)
B1 and B2 separated
(1)
0
1
8 bits time-slot
*
(1)
7 bits time-slot
(1)
0
1
Normal operation
*
Digital Loop-back
*
76
54
32
10
Function
DM1
DM0
DO
MR
MX
EN
TS
SLC
0
1
1
X
0
1
delayed data timing
*
non-delayed normal data timing
non-delayed reverse data timing
0
1
L0 latch set to 1
*
L0 latch set to 0
0
1
DR connected to rec. path
*
CR2 connected to rec. path
(1)
0
1
Trans path connected to DX
*
CR3 connected to DX
(1)
0
1
voice data transfer disable
*
voice data transfer enable
0
1
B1 channel selected
*
B2 channel selected
(1)
0
1
MCLK Master Clock and FS Frame Sync inputs are selected *
AUXCLK Auxiliary Clock input is selected


Số phần tương tự - STW5093CYLT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STW5093 STMICROELECTRONICS-STW5093 Datasheet
627Kb / 34P
   2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
More results

Mô tả tương tự - STW5093CYLT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STW5093 STMICROELECTRONICS-STW5093 Datasheet
627Kb / 34P
   2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
ST5092 STMICROELECTRONICS-ST5092 Datasheet
272Kb / 29P
   2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
ST5090 STMICROELECTRONICS-ST5090 Datasheet
269Kb / 29P
   LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
February 1996
logo
Micronas
MAS9090B MICRONAS-MAS9090B Datasheet
564Kb / 30P
   LOW VOLTAGE 14-BIT LINEAR CODEC
logo
ams AG
AS3543 AMSCO-AS3543 Datasheet
534Kb / 4P
   High End Stereo Audio Codec with System PMU
logo
Wolfson Microelectronic...
WM8998 WOLFSON-WM8998 Datasheet
4Mb / 307P
   High Performance Audio Hub CODEC
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M_08 Datasheet
1Mb / 22P
   High-Performance FM Front End
LA1193V SANYO-LA1193V Datasheet
643Kb / 22P
   High-Performance FM Front End
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
   High Performance Multi-channel Audio CODEC
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
   High Performance Multi-channel Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com