công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7570TR bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
ST7570TR bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
9 / 26 page ST7570 Electrical characteristics Doc ID 17526 Rev 2 9/26 4 Electrical characteristics TA = -40 to +85°C, TJ < 125°C, VCC = 18 V unless otherwise specified. Table 5. Electrical characteristics Symbol Parameter Note Min. Typ. Max. Unit Power supply VCC Power supply voltage 8 13 18 V I(VCC) RX Power supply current - Rx mode VCCA externally supplied 0.35 0.5 mA I(VCC) TX Power supply current - Tx mode, no load VCCA externally supplied 22 30 mA VCC UVLO_TL VCC under voltage lock out low threshold 6.1 6.5 6.95 V VCC UVLO_TH VCC under voltage lock out high threshold 6.8 7.2 7.5 V VCC UVLO_HYST VCC under voltage lock out hysteresis 250 (1) 700 mV I(VCCA) RX Analog supply current - Rx mode 5 6 mA I(VCCA) TX Analog supply current - Tx mode V(TX_OUT) =5 V p-p, No load 8 10 mA I(VDD) Digital core supply current 35 41 mA I(VDD) RESET Digital core supply current in RESET state 8 mA VDD_PLL PLL supply voltage VDD V I(VDD_PLL) PLL supply current 0.4 0.45 mA VDDIO Digital I/O supply voltage Externally supplied -10% 3.3 or 5 +10% V VDDIO UVLO_TL VDDIO under voltage lock out low threshold 2.2 2.4 2.6 V VDDIO UVLO_TH VDDIO under voltage lock out high threshold 2.45 2.65 2.85 V VDDIO UVLO_HYST VDDIO under voltage lock out hysteresis 180 240 mV Analog front end Power amplifier V(PA_OUT) BIAS Power amplifier output bias voltage - Rx mode VCC/2 V GBWP Power amplifier gain-bandwidth product 100 MHz I(PA_OUT) MAX Power amplifier maximum output current 1000 mA rms |
Số phần tương tự - ST7570TR |
|
Mô tả tương tự - ST7570TR |