công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74VCX1632245TTR bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện 74VCX1632245TTR
Giải thích chi tiết về linh kiện  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX1632245TTR bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  74VCX1632245TTR Datasheet HTML 1Page - STMicroelectronics 74VCX1632245TTR Datasheet HTML 2Page - STMicroelectronics 74VCX1632245TTR Datasheet HTML 3Page - STMicroelectronics 74VCX1632245TTR Datasheet HTML 4Page - STMicroelectronics 74VCX1632245TTR Datasheet HTML 5Page - STMicroelectronics 74VCX1632245TTR Datasheet HTML 6Page - STMicroelectronics 74VCX1632245TTR Datasheet HTML 7Page - STMicroelectronics 74VCX1632245TTR Datasheet HTML 8Page - STMicroelectronics 74VCX1632245TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
March 2005
I
HIGH SPEED: tPD = 4.4ns (MAX.) at TA=85°C
VCCA = 3.0V VCCB = 2.3V
I
LOW POWER DISSIPATION:
ICCA = ICCB = 20µA(MAX.) at TA=85°C
I
SYMMETRICAL OUTPUT IMPEDANCE:
|IOHA| = IOLA = 8mA MIN at
VCCA = 3.0V VCCB = 1.65V or 2.3V
|IOHA| = IOLA = 18mA MIN at
VCCA = 2.3V VCCB = 1.65V)
I
BALANCED PROPAGATION DELAYS:
tPLH tPHL
I
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
I
26
ΩSERIESRESISTOR ON ASIDEOUTPUTS
I
OPERATING VOLTAGE RANGE:
VCCA(OPR) = 2.3V to 3.6V (1.2V Data
Retention)
VCCB(OPR) = 1.65V to 2.7V (1.2V Data
Retention)
I
MAX DATA RATES:
380 Mbps (1.8V to 3.3V translation)
260 Mbps (<1.8V to 3.3V translation)
260 Mbps (Translate to 2.5V)
210 Mbps (Translate to 1.5V)
100 Mbps (Translate to 1.2V)
I
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 16245
I
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
I
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74VCX1632245 is a dual supply low voltage
CMOS 16-BIT BUS TRANSCEIVER fabricated
with sub-micron silicon gate and five-layer metal
wiring C2MOS technology. Designed for use as an
interface between a 3.3V bus and a 2.5V or 1.8V
bus in a mixed 3.3V/1.8V,3.3V/2.5V and 2.5V/
1.8V supply systems, it achieves high speed
operation while maintaining the CMOS low power
dissipation.
This IC is intended for two-way asynchronous
communication between data buses and the
direction of data transmission is determined by
nDIR inputs. The enable inputs nG can be used to
disable the device so that the buses are effectively
isolated. The A-port interfaces with the 3V bus, the
B-port with the 2.5V and 1.8V bus.
All inputs are equipped with protection circuits
against static discharge, giving them 2KV ESD im-
munity and transient excess voltage. All floating
bus terminals during High Z State must be held
HIGH or LOW.
74VCX1632245
16-BIT DUAL SUPPLY BUS TRANSCEIVER
LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
Table 1: Order Codes
PACKAGE
T & R
TSSOP48
74VCX1632245TTR
TFBGA54
74VCX1632245LBR
µTFBGA42
74VCX1632245TBR
TSSOP
µTFBGA
TFBGA
Figure 1: Logic Diagram
n = 1, 2
Rev. 14
Obsolete
Product(s)
- Obsolete
Product(s)


Số phần tương tự - 74VCX1632245TTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results

Mô tả tương tự - 74VCX1632245TTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3236 STMICROELECTRONICS-ST1G3236 Datasheet
356Kb / 19P
   1-bit dual supply bus transceiver level translator with A-side series resistor
ST2G3236 STMICROELECTRONICS-ST2G3236 Datasheet
290Kb / 20P
   2-bit dual supply bus transceiver level translator with a side series resistor
74VCX163245 STMICROELECTRONICS-74VCX163245 Datasheet
342Kb / 15P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
ST4G3235 STMICROELECTRONICS-ST4G3235_07 Datasheet
218Kb / 21P
   4-bit dual supply bus buffer level translator with a side series resistor
ST1G3234_0508 STMICROELECTRONICS-ST1G3234_0508 Datasheet
170Kb / 15P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
442Kb / 11P
   1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3234B STMICROELECTRONICS-ST1G3234B Datasheet
254Kb / 17P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST4G3234 STMICROELECTRONICS-ST4G3234 Datasheet
472Kb / 11P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com