công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8323Y bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện ADS8323Y
Giải thích chi tiết về linh kiện  16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8323Y bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS8323Y Datasheet HTML 1Page - Texas Instruments ADS8323Y Datasheet HTML 2Page - Texas Instruments ADS8323Y Datasheet HTML 3Page - Texas Instruments ADS8323Y Datasheet HTML 4Page - Texas Instruments ADS8323Y Datasheet HTML 5Page - Texas Instruments ADS8323Y Datasheet HTML 6Page - Texas Instruments ADS8323Y Datasheet HTML 7Page - Texas Instruments ADS8323Y Datasheet HTML 8Page - Texas Instruments ADS8323Y Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ADS8323
www.ti.com
SBAS224C – DECEMBER 2001 – REVISED JANUARY 2010
ELECTRICAL CHARACTERISTICS
At –40°C to +85°C, +DVDD = +AVDD = +5V, VREF = +2.5V, fSAMPLE = 500kSPS, and fCLK = 20 • fSAMPLE, unless otherwise
specified.
ADS8323Y
ADS8323YB(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
RESOLUTION
Resolution
16
16
Bits
ANALOG INPUT
Full-scale input span(2)
+IN – (–IN)
–VREF
+VREF
–VREF
+VREF
V
+IN
–0.3
AVDD + 0.3
–0.3
AVDD + 0.3
V
Absolute input range
–IN
–0.3
AVDD + 0.3
–0.3
AVDD + 0.3
V
Capacitance
25
25
pF
Leakage current
±1
±1
nA
SYSTEM PERFORMANCE
No missing codes
14
15
Bits
Integral linearity error
±4
±8
±3
±6
LSB(3)
Differential linearity error
±3
±1
LSB
Offset error
±1
±2
±0.5
±1.0
mV
Gain error(4)
±0.25
±0.50
±0.12
±0.25
%FSR
At dc
70
70
dB
Common-mode rejection ratio
VIN = 1VPP at 1MHz
50
50
dB
Noise
60
60
μVRMS
Power-supply rejection ratio
At FFFFh output code
±3
±3
LSBs
SAMPLING DYNAMICS
Conversion time
1.6
1.6
μs
Acquisition time
350
350
ns
Throughput rate
500
500
kSPS
Aperture delay
10
10
ns
Aperture jitter
30
30
ps
Small-signal bandwidth
20
20
MHz
Step response
100
100
ns
Overvoltage recovery
150
150
ns
DYNAMIC CHARACTERISTICS
Total harmonic distortion(5)
VIN = 5VPP at 100kHz
–90
–93
dB
SINAD
VIN = 5VPP at 100kHz
81
83
dB
Spurious free dynamic range
VIN = 5VPP at 100kHz
94
96
dB
REFERENCE OUTPUT
Voltage
IOUT = 0
2.475
2.50
2.525
2.48
2.50
2.52
V
Source current
Static load
10
10
μA
Drift
IOUT = 0
25
25
ppm/°C
Line regulation
4.75V
≤ VCC ≤ 5.25V
0.6
0.6
mV
REFERENCE INPUT
Range
1.5
2.55
1.5
2.55
V
(1)
Shaded cells indicate different specifications from ADS8322Y.
(2)
Ideal input span; does not include gain or offset error.
(3)
LSB means least significant bit, with VREF equal to +2.5V; 1LSB = 76μV.
(4)
Measured relative to an ideal, full-scale input [+In – (–In)] of 4.9999V. Thus, gain error includes the error of the internal voltage
reference.
(5)
Calculated on the first nine harmonics of the input frequency.
Copyright © 2001–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8323


Số phần tương tự - ADS8323Y

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8323Y/250 BURR-BROWN-ADS8323Y/250 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323Y/2K BURR-BROWN-ADS8323Y/2K Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323YB/250 BURR-BROWN-ADS8323YB/250 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323YB/2K BURR-BROWN-ADS8323YB/2K Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8323Y

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8323 TI1-ADS8323_14 Datasheet
799Kb / 26P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8322 TI1-ADS8322 Datasheet
934Kb / 19P
[Old version datasheet]   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8322 BURR-BROWN-ADS8322 Datasheet
202Kb / 10P
   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com