công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4449IZCRR bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS4449IZCRR
Giải thích chi tiết về linh kiện  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS4449IZCRR bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS4449IZCRR Datasheet HTML 1Page - Texas Instruments ADS4449IZCRR Datasheet HTML 2Page - Texas Instruments ADS4449IZCRR Datasheet HTML 3Page - Texas Instruments ADS4449IZCRR Datasheet HTML 4Page - Texas Instruments ADS4449IZCRR Datasheet HTML 5Page - Texas Instruments ADS4449IZCRR Datasheet HTML 6Page - Texas Instruments ADS4449IZCRR Datasheet HTML 7Page - Texas Instruments ADS4449IZCRR Datasheet HTML 8Page - Texas Instruments ADS4449IZCRR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
ADS4449
SBAS603 – APRIL 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE AND ORDERING INFORMATION(1)
PACKAGE
SPECIFIED TEMPERATURE
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
ADS4449
BGA-144
ZCR
–40°C to +85°C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
AVDD33
–0.3 to +3.6
V
Supply voltage range
AVDD
–0.3 to +2.1
V
DRVDD
–0.3 to +2.1
V
AVSS and DRVSS
–0.3 to +0.3
V
AVDD and DRVDD
–2.4 to +2.4
V
Voltage between
AVDD33 and DRVDD
–2.4 to +3.9
V
AVDD33 and AVDD
–2.4 to +3.9
V
XINP, XINM
–0.3 to minimum (1.9, AVDD + 0.3)
V
Voltage applied to input pins
CLKP, CLKM(2)
–0.3 to minimum (1.9, AVDD + 0.3)
V
RESET, SCLK, SDATA, SEN, PDN
–0.3 to +3.9
V
Operating free-air, TA
–40 to +85
°C
Temperature
Operating junction, TJ
+150
°C
Storage, Tstg
–65 to +150
°C
Electrostatic discharge (ESD)
Human body model (HBM)
2
kV
rating
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
When AVDD is turned off, TI recommends switching off the input clock (or ensuring the voltage on CLKP and CLKM is less than
| 0.3 V |). This recommendation prevents the ESD protection diodes at the clock input pins from turning on.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS4449


Số phần tương tự - ADS4449IZCRR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4449IZCRR TI1-ADS4449IZCRR Datasheet
2Mb / 56P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
More results

Mô tả tương tự - ADS4449IZCRR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4449 TI1-ADS4449 Datasheet
2Mb / 56P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
logo
Linear Technology
LTM2173-14 LINER-LTM2173-14 Datasheet
411Kb / 28P
   14-Bit, 80Msps Low Power Quad ADC
logo
Texas Instruments
ADS58H40 TI1-ADS58H40_14 Datasheet
2Mb / 60P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS42B49 TI-ADS42B49 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS58H40 TI-ADS58H40_15 Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS7816UC TI-ADS7816UC Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com