công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS42LB49 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS42LB49
Giải thích chi tiết về linh kiện  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS42LB49 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS42LB49 Datasheet HTML 1Page - Texas Instruments ADS42LB49 Datasheet HTML 2Page - Texas Instruments ADS42LB49 Datasheet HTML 3Page - Texas Instruments ADS42LB49 Datasheet HTML 4Page - Texas Instruments ADS42LB49 Datasheet HTML 5Page - Texas Instruments ADS42LB49 Datasheet HTML 6Page - Texas Instruments ADS42LB49 Datasheet HTML 7Page - Texas Instruments ADS42LB49 Datasheet HTML 8Page - Texas Instruments ADS42LB49 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
ADS42JB49
ADS42JB69
www.ti.com
SLAS900C – OCTOBER 2012 – REVISED JULY 2013
RECOMMENDED OPERATING CONDITIONS
(1)
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
1.7
1.8
1.9
V
AVDD3V
Analog buffer supply voltage
3.15
3.3
3.45
V
DRVDD
Digital supply voltage
1.7
1.8
1.9
V
IOVDD
Output buffer supply voltage
1.7
1.8
1.9
V
ANALOG INPUTS
Default after reset
2
VPP
VID
Differential input voltage range
Register programmable(2)
2.5
VPP
VICR
Input common-mode voltage
VCM ± 0.025
V
Maximum analog input frequency with 2.5-VPP input amplitude
250
MHz
Maximum analog input frequency with 2-VPP input amplitude
400
MHz
CLOCK INPUT
10x mode
60
250
MSPS
Input clock sample rate
20x mode
40
156.25
MSPS
Sine wave, ac-coupled
0.3(3)
1.5
VPP
LVPECL, ac-coupled
1.6
VPP
Input clock amplitude differential
(VCLKP – VCLKM)
LVDS, ac-coupled
0.7
VPP
LVCMOS, single-ended, ac-coupled
1.5
V
Input clock duty cycle
35%
50%
65%
DIGITAL OUTPUTS
CLOAD
Maximum external load capacitance from each output pin to DRGND
3.3
pF
RLOAD
Single-ended load resistance
+50
Ω
TA
Operating free-air temperature
–40
+85
°C
(1)
After power-up, to reset the device for the first time, use the RESET pin only. Refer to the Register Initialization section.
(2)
For details, refer to the Digital Gain section.
(3)
Refer to the Performance vs Clock Amplitude curves, Figure 32 and Figure 33.
Table 1. High-Frequency Modes Summary
REGISTER
ADDRESS
VALUE
DESCRIPTION
Dh
90h
High-frequency modes should be enabled for input frequencies greater than 250 MHz.
Eh
90h
High-frequency modes should be enabled for input frequencies greater than 250 MHz.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS42JB49 ADS42JB69


Số phần tương tự - ADS42LB49

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI-ADS42LB49 Datasheet
967Kb / 14P
[Old version datasheet]   The ADS42LB49EVM and ADS42LB69EVM (ADS42LBx9EVM) are evaluation modules (EVMs) that allow for the evaluation of TIs ADS42LB49 and ADS42LB69.
June 2014
ADS42LB49EVM TI-ADS42LB49EVM Datasheet
967Kb / 14P
[Old version datasheet]   The ADS42LB49EVM and ADS42LB69EVM (ADS42LBx9EVM) are evaluation modules (EVMs) that allow for the evaluation of TIs ADS42LB49 and ADS42LB69.
June 2014
ADS42LB49IRGC25 TI1-ADS42LB49IRGC25 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49IRGCR TI1-ADS42LB49IRGCR Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
More results

Mô tả tương tự - ADS42LB49

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com