công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS42JB69 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS42JB69
Giải thích chi tiết về linh kiện  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS42JB69 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS42JB69 Datasheet HTML 1Page - Texas Instruments ADS42JB69 Datasheet HTML 2Page - Texas Instruments ADS42JB69 Datasheet HTML 3Page - Texas Instruments ADS42JB69 Datasheet HTML 4Page - Texas Instruments ADS42JB69 Datasheet HTML 5Page - Texas Instruments ADS42JB69 Datasheet HTML 6Page - Texas Instruments ADS42JB69 Datasheet HTML 7Page - Texas Instruments ADS42JB69 Datasheet HTML 8Page - Texas Instruments ADS42JB69 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
ADS42JB49
ADS42JB69
SLAS900C – OCTOBER 2012 – REVISED JULY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
SPECIFIED TEMPERATURE RANGE
ADS42JB49(2)
QFN-64
RGC
–40°C to +85°C
ADS42JB69
QFN-64
RGC
–40°C to +85°C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Product preview device.
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
AVDD3V
–0.3 to 3.6
V
AVDD
–0.3 to 2.1
V
Supply voltage range
DRVDD
–0.3 to 2.1
V
IOVDD
–0.3 to 2.1
V
Voltage between AGND and DGND
–0.3 to 0.3
V
INAP, INBP, INAM, INBM
–0.3 to 3
V
CLKINP, CLKINM
–0.3 to minimum (2.1, AVDD + 0.3)
V
SYNC~P, SYNC~M
–0.3 to minimum (2.1, AVDD + 0.3)
V
Voltage applied to input pins
SYSREFP, SYSREFM
–0.3 to minimum (2.1, AVDD + 0.3)
V
SCLK, SEN, SDATA, RESET, PDN_GBL,
–0.3 to 3.9
V
CTRL1, CTRL2, STBY, MODE
Operating free-air, TA
–40 to +85
°C
Temperature range
Operating junction, TJ
+125
°C
Storage, Tstg
–65 to +150
°C
Electrostatic discharge (ESD) rating
Human body model (HBM)
2
kV
THERMAL INFORMATION
ADS42JB49,
ADS42JB69
THERMAL METRIC(1)
UNITS
RGC (QFN)
64 PINS
θJA
Junction-to-ambient thermal resistance
22.9
θJCtop
Junction-to-case (top) thermal resistance
7.1
θJB
Junction-to-board thermal resistance
2.5
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
2.5
θJCbot
Junction-to-case (bottom) thermal resistance
0.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS42JB49 ADS42JB69


Số phần tương tự - ADS42JB69

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS42JB69 TI1-ADS42JB69 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB69 TI1-ADS42JB69 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB69IRGC25 TI1-ADS42JB69IRGC25 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB69IRGC25 TI1-ADS42JB69IRGC25 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB69IRGC25 TI1-ADS42JB69IRGC25 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
More results

Mô tả tương tự - ADS42JB69

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com