công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CAP1188-1-CP-TR bảng dữ liệu(PDF) 1 Page - Microchip Technology |
|
CAP1188-1-CP-TR bảng dữ liệu(HTML) 1 Page - Microchip Technology |
1 / 93 page SMSC CAP1188 DATASHEET Revision 1.32 (01-05-12) Datasheet PRODUCT FEATURES CAP1188 8 Channel Capacitive Touch Sensor with 8 LED Drivers General Description The CAP1188, which incorporates SMSC’s RightTouch® 1 technology, is a multiple channel Capacitive Touch sensor with multiple power LED drivers. It contains eight (8) ind i v i du al c a p a c i tiv e tou c h se ns or in put s with programmable sensitivity for use in touch sensor applications. Each sensor input automatically recalibrates to compensate for gradual environmental changes. The CAP1188 also contains eight (8) LED drivers that offer full-on / off, variable rate blinking, dimness controls, and breathing. Each of the LED drivers may be linked to one of the sensor inputs to be actuated when a touch is detected. As well, each LED driver may be individually controlled via a host controller. The CAP1188 includes Multiple Pattern Touch recognition that allows the user to select a specific set of buttons to be touched simultaneously. If this pattern is detected, then a status bit is set and an interrupt generated. Additionally, the CAP1188 includes circuitry and support for enhanced sensor proximity detection. The CAP1188 offers multiple power states operating at low quiescent currents. In the Standby state of operation, one or more capacitive touch sensor inputs are active and all LEDs may be used. If a touch is detected, it will wake the system using the WAKE/SPI_MOSI pin. Deep Sleep is the lowest power state available, drawing 5uA (typical) of current. In this state, no sensor inputs are active. Driving the WAKE/SPI_MOSI pin or communications will wake the device. Applications Desktop and Notebook PCs LCD Monitors Consumer Electronics Appliances Features Eight (8) Capacitive Touch Sensor Inputs — Programmable sensitivity — Automatic recalibration — Individual thresholds for each button Proximity Detection Multiple Button Pattern Detection Calibrates for Parasitic Capacitance Analog Filtering for System Noise Sources Press and Hold feature for Volume-like Applications Multiple Communication Interfaces —SMBus / I2C compliant interface — SMSC BC-Link interface — SPI communications — Pin selectable communications protocol and multiple slave addresses (SMBus / I2C only) Low Power Operation — 5uA quiescent current in Deep Sleep — 50uA quiescent current in Standby (1 sensor input monitored) — Samples one or more channels in Standby Eight (8) LED Driver Outputs — Open Drain or Push-Pull — Programmable blink, breathe, and dimness controls — Can be linked to Capacitive Touch Sensor inputs Dedicated Wake output flags touches in low power state System RESET pin Available in 24-pin 4mm x 4mm RoHS compliant QFN package Block Diagram 1. SMSC, the SMSC logo and RightTouch are registered trademarks and the RightTouch logo is a trademark of Standard Microsystems Corporation (“SMSC”). SMBus / BC-Link or SPI Slave Protocol SMCLK / BC_CLK / SPI_CLK SMDATA / BC_DATA / SPI_MSIO / SPI_MISO VDD ALERT# / BC_IRQ# Capacitive Touch Sensing Algorithm LED1 CS1 CS2 CS3 CS4 CS5 CS6 LED Driver, Breathe, and Dimness control WAKE / SPI_MOSI CS7 CS8 RESET ADDR_COMM SPI_CS# LED2 LED3 LED4 LED5 LED6 LED7 LED8 GND |
Số phần tương tự - CAP1188-1-CP-TR |
|
Mô tả tương tự - CAP1188-1-CP-TR |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |