công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM26LS32CN bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện AM26LS32CN
Giải thích chi tiết về linh kiện  DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS32CN bảng dữ liệu(HTML) 3 Page - Texas Instruments

  AM26LS32CN Datasheet HTML 1Page - Texas Instruments AM26LS32CN Datasheet HTML 2Page - Texas Instruments AM26LS32CN Datasheet HTML 3Page - Texas Instruments AM26LS32CN Datasheet HTML 4Page - Texas Instruments AM26LS32CN Datasheet HTML 5Page - Texas Instruments AM26LS32CN Datasheet HTML 6Page - Texas Instruments AM26LS32CN Datasheet HTML 7Page - Texas Instruments AM26LS32CN Datasheet HTML 8Page - Texas Instruments AM26LS32CN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS26LS32AC, DS26LS32C, DS26LS32M, DS26LS33M
www.ti.com
SNLS352C – MAY 1999 – REVISED FEBRUARY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
7V
Common-Mode Range
±25V
Differential Input Voltage
±25V
Enable Voltage
7V
Output Sink Current
50 mA
Maximum Power Dissipation (3) at 25°C
Cavity Package
1433 mW
Molded DIP Package
1362 mW
SOIC Package(4) DS26LS32
1002 mW
DS26LS32A
1051 mW
Storage Temperature Range
−65°C to +165°C
Lead Temperature (Soldering, 4 seconds)
260°C
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to
imply that the device should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device
operation.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Derate cavity package 9.6 mW/°C above 25°C; derate molded DIP package 10.9 mW/°C above 25°C.
(4)
Derate SOIC Package 8.01 mW/°C for DS26LS32
8.41 mW/°C for DS26LS32A
Operating Conditions
Min
Max
Units
Supply Voltage, (VCC)
DS26LS32M, DS26LS33M (MIL)
4.5
5.5
V
DS26LS32C, DS26LS32AC (COML)
4.75
5.25
V
Temperature, (TA)
DS26LS32M, DS26LS33M (MIL)
−55
+125
°C
DS26LS32C, DS26LS32AC (COML)
0
+70
°C
Electrical Characteristics
(1) (2) (3)
over the operating temperature range unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VTH
Differential Input Voltage
VOUT = VOH or
DS26LS32, DS26LS32A,
−7V ≤ VCM ≤ +7V
−0.2
±0.07
0.2
V
VOL
DS26LS33, DS26LS33A,
−15V ≤ VCM +15V
−0.5
±0.14
0.5
V
RIN
Input Resistance
−15V ≤ VCM ≤ +15V (One Input AC GND)
6.0
8.5
k
Ω
IIN
Input Current (Under
V IN = 15V, Other Input −15V ≤ VIN ≤ +15V
2.3
mA
Test)
V IN = −15V, Other Input −15V ≤ VIN ≤ +15V
−2.8
mA
VOH
Output High Voltage
VCC = MIN, ΔVIN = 1V,
Commercial
2.7
4.2
V
VENABLE = 0.8V, IOH = −440 μA
Military
2.5
4.2
V
VOL
Output Low Voltage
VCC = Min, ΔVIN = −1V,
IOL = 4 mA
0.4
V
VENABLE = 0.8V
IOL = 8 mA
0.45
V
VIL
Enable Low Voltage
0.8
V
VIH
Enable High Voltage
2.0
V
VI
Enable Clamp Voltage
VCC = Min, IIN = −18 mA
−1.5
V
(1)
All currents into device pins are shown as positive, all currents out of device pins are shown as negative, all voltages are referenced to
ground, unless otherwise specified. All values shown as max or min are so classified on absolute value basis.
(2)
All typical values are VCC = 5V, TA = 25°C.
(3)
Only one output at a time should be shorted.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS26LS32AC DS26LS32C DS26LS32M DS26LS33M


Số phần tương tự - AM26LS32CN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AM26LS32CN TI1-AM26LS32CN Datasheet
861Kb / 13P
[Old version datasheet]   DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
More results

Mô tả tương tự - AM26LS32CN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DS26LS32ACMX TI1-DS26LS32ACMX Datasheet
837Kb / 13P
[Old version datasheet]   DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
DS26LS32AC TI1-DS26LS32AC_16 Datasheet
861Kb / 13P
[Old version datasheet]   DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
5962-7802006QEA TI-5962-7802006QEA Datasheet
291Kb / 11P
[Old version datasheet]   DS26LS32MQML Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com