công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLZ6V8A bảng dữ liệu(PDF) 1 Page - Vishay Siliconix |
|
TLZ6V8A bảng dữ liệu(HTML) 1 Page - Vishay Siliconix |
1 / 8 page TLZ-Series www.vishay.com Vishay Semiconductors Rev. 2.2, 26-Jun-12 1 Document Number: 85635 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Small Signal Zener Diodes FEATURES • Very sharp reverse characteristic • Low reverse current level • Very high stability •Low noise • High reliability • AEC-Q101 qualified • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 APPLICATIONS • Voltage stabilization PRIMARY CHARACTERISTICS PARAMETER VALUE UNIT VZ range nom. 2.4 to 56 V Test current IZT 5 to 20 mA VZ specification Pulse current Int. construction Single ORDERING INFORMATION DEVICE NAME ORDERING CODE TAPED UNITS PER REEL MINIMUM ORDER QUANTITY TLZ-series TLZ-series-GS18 10 000 (8 mm tape on 13" reel) 10 000/box TLZ-series TLZ-series-GS08 2500 (8 mm tape on 7" reel) 12 500/box PACKAGE PACKAGE NAME WEIGHT MOLDING COMPOUND FLAMMABILITY RATING MOISTURE SENSITIVITY LEVEL SOLDERING CONDITIONS MiniMELF SOD-80 31 mg - MSL level 1 (according J-STD-020) 260 °C/10 s at terminals ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL VALUE UNIT Power dissipation RthJA 300 K/W Ptot 500 mW Zener current IZ Ptot/VZ mA Junction to ambient air On PC board 50 mm x 50 mm x 1.6 mm RthJA 500 K/W Junction temperature Tj 175 °C Storage temperature range Tstg - 65 to + 175 °C Forward voltage (max.) IF = 200 mA VF 1.5 V |
Số phần tương tự - TLZ6V8A |
|
Mô tả tương tự - TLZ6V8A |