công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16601DLG4 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện 74ALVCH16601DLG4
Giải thích chi tiết về linh kiện  18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

74ALVCH16601DLG4 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  74ALVCH16601DLG4 Datasheet HTML 1Page - Texas Instruments 74ALVCH16601DLG4 Datasheet HTML 2Page - Texas Instruments 74ALVCH16601DLG4 Datasheet HTML 3Page - Texas Instruments 74ALVCH16601DLG4 Datasheet HTML 4Page - Texas Instruments 74ALVCH16601DLG4 Datasheet HTML 5Page - Texas Instruments 74ALVCH16601DLG4 Datasheet HTML 6Page - Texas Instruments 74ALVCH16601DLG4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16601DLG4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16601DLG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
TIMING REQUIREMENTS
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
SN74ALVCH16601
18-BIT UNIVERSAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES027F – JULY 1995 – REVISED OCTOBER 2004
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 3)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
(1)
150
150
150
MHz
LE high
(1)
3.3
3.3
3.3
tw
Pulse duration
ns
CLK high or low
(1)
3.3
3.3
3.3
Data before CLK
(1)
2.3
2.4
2.1
CLK high
(1)
2
1.6
1.6
tsu
Setup time
Data before LE
ns
CLK low
(1)
1.3
1.2
1.1
CLKEN before CLK
(1)
2
2
1.7
Data after CLK
(1)
0.7
0.7
0.8
CLK high
(1)
1.3
1.6
1.4
th
Hold time
Data after LE
ns
CLK low
(1)
1.7
2
1.7
CLKEN after CLK
(1)
0.3
0.5
0.6
(1)
This information was not available at the time of publication.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 3)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MIN
MAX
MIN
MAX
MIN
MAX
fmax
(1)
150
150
150
MHz
A or B
B or A
(1)
1
4
4.6
4.1
tpd
LEAB or LEBA
(1)
1
4.6
5.3
4.7
ns
A or B
CLKAB or CLKBA
(1)
1.2
5.2
5.8
5
ten
OEAB or OEBA
A or B
(1)
1.1
5.3
6.1
5.2
ns
tdis
OEAB or OEBA
A or B
(1)
1.4
4.9
4.8
4.4
ns
(1)
This information was not available at the time of publication.
T
A = 25°C
VCC = 1.8 V VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
Outputs enabled
(1)
41
52
Cpd Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
pF
Outputs disabled
(1)
6
6
(1)
This information was not available at the time of publication.
5


Số phần tương tự - 74ALVCH16601DLG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVCH16601DGG PHILIPS-74ALVCH16601DGG Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16601DGG NEXPERIA-74ALVCH16601DGG Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
More results

Mô tả tương tự - 74ALVCH16601DLG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ALVCH16501 TI-SN74ALVCH16501_06 Datasheet
297Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16501 TI-SN74ALVCH16501 Datasheet
154Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16601 TI-SN74ALVCH16601 Datasheet
142Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16600 TI-SN74ALVCH16600 Datasheet
142Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601 TI-SN74ALVCH162601 Datasheet
149Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16500 TI-SN74ALVCH16500 Datasheet
155Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCHR162601 TI-SN74ALVCHR162601 Datasheet
130Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCHR16601 TI-SN74ALVCHR16601 Datasheet
130Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601GR TI-SN74ALVCH162601GR Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC162601 TI1-SN74ALVC162601 Datasheet
140Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com