công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5206BRU10-REEL7 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD5206BRU10-REEL7
Giải thích chi tiết về linh kiện  4-/6-Channel Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5206BRU10-REEL7 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD5206BRU10-REEL7 Datasheet HTML 1Page - Analog Devices AD5206BRU10-REEL7 Datasheet HTML 2Page - Analog Devices AD5206BRU10-REEL7 Datasheet HTML 3Page - Analog Devices AD5206BRU10-REEL7 Datasheet HTML 4Page - Analog Devices AD5206BRU10-REEL7 Datasheet HTML 5Page - Analog Devices AD5206BRU10-REEL7 Datasheet HTML 6Page - Analog Devices AD5206BRU10-REEL7 Datasheet HTML 7Page - Analog Devices AD5206BRU10-REEL7 Datasheet HTML 8Page - Analog Devices AD5206BRU10-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5204/AD5206
Rev. C | Page 4 of 20
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
INTERFACE TIMING CHARACTERISTICS7, 11, 12
Input Clock Pulse Width
tCH, tCL
Clock level high or low
20
ns
Data Setup Time
tDS
5
ns
Data Hold Time
tDH
5
ns
CLK-to-SDO Propagation Delay13
tPD
RL = 2 kΩ , CL < 20 pF
1
150
ns
CS Setup Time
tCSS
15
ns
CS High Pulse Width
tCSW
40
ns
Reset Pulse Width
tRS
90
ns
CLK Fall to CS Fall Setup
tCSH0
0
ns
CLK Fall to CS Rise Hold Time
tCSH1
0
ns
CS Rise to Clock Rise Setup
tCS1
10
ns
1 Typicals represent average readings at 25°C and VDD = 5 V.
2 Applies to all VRs.
3 Resistor position nonlinearity error (R-INL) is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper positions.
R-DNL measures the relative step change from the ideal position between successive tap positions. Parts are guaranteed monotonic. See the test circuit in Figure 28.
IW = VDD/R for both VDD = 3 V and VDD = 5 V.
4 VAB = VDD, wiper (VW) = no connect.
5 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic at operating conditions. See the test circuit in Figure 27.
6 Resistor Terminal A, Terminal B, and Wiper W have no limitations on polarity with respect to each other.
7 Guaranteed by design and not subject to production test.
8 Measured at the Ax terminals. All Ax terminals are open circuited in shutdown mode.
9 PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
10 All dynamic characteristics use VDD = 5 V.
11 Applies to all parts.
12 See the timing diagrams (Figure 3 to Figure 5) for the location of the measured values. All input control voltages are specified with tR = tF = 2.5 ns (10% to 90% of 3 V)
and timed from a voltage level of 1.5 V. Switching characteristics are measured using both VDD = 3 V and VDD = 5 V.
13 The propagation delay depends on the values of VDD, RL, and CL (see the Operation section).


Số phần tương tự - AD5206BRU10-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5206BRU10 AD-AD5206BRU10 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
AD5206BRU100 AD-AD5206BRU100 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results

Mô tả tương tự - AD5206BRU10-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
AD5204 AD-AD5204_10 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com