công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5206BRU10 bảng dữ liệu(PDF) 8 Page - Analog Devices |
|
AD5206BRU10 bảng dữ liệu(HTML) 8 Page - Analog Devices |
8 / 20 page AD5204/AD5206 Rev. C | Page 8 of 20 NC NC NC NC B3 A3 W3 NC NC NC NC B4 W4 A4 NC NOTES 1. NC = NO CONNECT. 2. THE LFCSP PACKAGE HAS AN EXPOSED PADDLE THAT SHOULD BE CONNECTED TO GND AND THE ASSOCIATED PCB GROUND PLATE. 1 2 3 4 5 6 7 8 23 22 21 18 19 20 24 17 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 AD5204 TOP VIEW (Not to Scale) VSS PIN 1 INDICATOR Figure 7. AD5204 LFCSP Pin Configuration Table 4. AD5204 LFCSP Pin Function Descriptions Pin No. Name Description 1 VSS Negative Power Supply. This pin is specified for operation at both 0 V and −2.7 V. It is the sum of |VDD| + |VSS| < 5.5 V. 2 to 5, 9, 16, 17, 21 to 24 NC Not Connected. 6 B3 Terminal B RDAC 3. 7 W3 Wiper RDAC 3. Address = 0102. 8 A3 Terminal A RDAC 3. 10 B1 Terminal B RDAC 1. 11 W1 Wiper RDAC 1. Address = 0002. 12 A1 Terminal A RDAC 1. 13 A2 Terminal A RDAC 2. 14 W2 Wiper RDAC 2. Address = 0012. 15 B2 Terminal B RDAC 2. 18 A4 Terminal A RDAC 4. 19 W4 Wiper RDAC 4. Address = 0112. 20 B4 Terminal B RDAC 4. 25 GND Ground. 26 CS Chip Select Input (Active Low). When CS returns high, data in the serial input register is decoded based on the address bits, and then it is loaded into the target RDAC latch. 27 PR Preset to Midscale (Active Low). This pin sets the RDAC registers to 0x80. 28 VDD Positive Power Supply. This pin is specified for operation at both 3 V and 5 V. It is the sum of |VDD| + |VSS| < 5.5 V. 29 SHDN Terminal A Open-Circuit Shutdown (Active Low Input). This pin controls VR 1 through VR 4. 30 SDI Serial Data Input. Data is input MSB first. 31 CLK Serial Clock Input. This pin is positive edge triggered. 32 SDO Serial Data Output. This pin is an open-drain transistor and requires a pull-up resistor. |
Số phần tương tự - AD5206BRU10 |
|
Mô tả tương tự - AD5206BRU10 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |