công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD694ARZ bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD694ARZ
Giải thích chi tiết về linh kiện  4??0 mA Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD694ARZ bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD694ARZ Datasheet HTML 5Page - Analog Devices AD694ARZ Datasheet HTML 6Page - Analog Devices AD694ARZ Datasheet HTML 7Page - Analog Devices AD694ARZ Datasheet HTML 8Page - Analog Devices AD694ARZ Datasheet HTML 9Page - Analog Devices AD694ARZ Datasheet HTML 10Page - Analog Devices AD694ARZ Datasheet HTML 11Page - Analog Devices AD694ARZ Datasheet HTML 12Page - Analog Devices AD694ARZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD694
REV. B
–9–
Figure 8. Span Adjustment, 2 V Full Scale
PROGRAMMING OTHER SPANS
There are two methods for programming input spans less than
10 V. The first decreases the input span by programming a non-
inverting gain into the buffer amplifier. For example, to achieve
an input span of 0–5 V, the AD694 is set in its 10 V full-scale
mode and the buffer amplifier is configured with a noninverting
gain of 2 by adding 2 resistors. Now a 5 V signal at +Sig results
in a 10 V full-scale signal at FB (Pin 1), the input to the V/I.
This method requires that the V/I be programmed to a 10 V full
scale for input spans between 2 V to 10 V. It should be pro-
grammed to a 2 V full scale if input spans of less than 2 V are
required. This adjustment scheme makes the accuracy of the
span adjustment dependent upon the ratio accuracy of the re-
quired gain resistors. Thus, it is possible to accurately configure
spans other than 2 V or 10 V without using trimming potenti-
ometers, given that the resistor ratios are sufficiently accurate. A
supply voltage of 12.5 V is required for spans between 2 V and
10 V. Spans below 2 V require a VS of 4.5 V or greater.
A second method, allows other spans of less than 10 V to be
programmed when supply voltage is less than 12.5 V. Since the
AD694 amplifiers require 2.5 V of headroom for operation, a
5 V full-scale input is possible with a 7.5 V supply. This is
achieved by placing a resistor, in parallel with R2, (2 V FS [Pin
4] to Com [Pin 5]), to adjust the transconductance of the V/I
converter without a headroom penalty. A disadvantage of this
method is that the external resistor must match the internal re-
sistor in a precise manner, thus a span trim will be required.
The value should be chosen to allow for the
±10% uncertainty
in the absolute value of the internal resistor R2.
ADJUSTING REFERENCE OUTPUT
Figure 9 shows one method of making small adjustments to the
10 V reference output. This circuit allows a linear adjustment
range of
±200 mV. The 2 V reference may also be adjusted but
only in the positive direction.
Other reference voltages can be programmed by adding external
resistors. For example, a resistor placed in parallel with R5 can
be added to boost the reference output as high as 20 V. Con-
versely, a resistor in parallel with R6 can be used to set the refer-
ence voltage to a value between 2 V and 10 V. The output
voltage VREF = 2 V (R6 + R5)/R5. In choosing external
adjustment resistors remember that the internal resistors, while
ratio matched to a high degree of accuracy, have an absolute re-
sistor tolerance of only
±10%. Be prepared to compensate for
this if a precise voltage other than the precalibrated values of 2
V or 10 V is required.
Figure 9. 10 V Reference Output Adjustment
BANDWIDTH CONTROL
The bandwidth of the AD694 can be limited to provide noise
filtering. This is achieved by connecting an external capacitor
from BW ADJ (Pin 14) to VS (Pin 13) as shown in Figure 10.
To program the bandwidth, substitute the desired bandwidth in
Hz, into the formula below to determine the required capacitor.
C
BW
×
12
900
/(
)
πΩ
The bandwidth chosen will vary
±10% due to internal resistor
tolerance, plus an additional amount due to capacitor tolerance.
This method of bandwidth control is not recommended as a
way to filter large high frequency transients in the input signal.
It is recommended that frequencies greater than the BW of the
buffer amplifier be eliminated with an input filter to avoid recti-
fication of noise by the input amplifiers.
Figure 10. Noise Filtering with an External Capacitor
BUFFER AMPLIFIER OFFSET ADJUST
The buffer amplifier input voltage offset has been laser trimmed
to a high degree of accuracy; however, there may be occasions
when an offset trim is desired. Figure 11 shows the adjustment
method; a trim range of greater than
±2.5 mV is available with
this scheme. It is not recommended that this adjustment
method be used to affect the 4 mA offset current as the trim will
induce offset drift into the buffer amplifier. The buffer amplifier
will drift approximately 1
µV/°C for each 300 µV of induced
offset. To adjust the 4 mA offset current refer to the Adjusting
4 mA Zero section.


Số phần tương tự - AD694ARZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD694AR AD-AD694AR Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694AR AD-AD694AR Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694AR AD-AD694AR Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694AR AD-AD694AR Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
More results

Mô tả tương tự - AD694ARZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD694 AD-AD694_02 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ-REEL AD-AD694BRZ-REEL Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694 AD-AD694 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694JNZ AD-AD694JNZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD693BQ AD-AD693BQ Datasheet
462Kb / 12P
   Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com