công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG715BRUZ bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện ADG715BRUZ
Giải thích chi tiết về linh kiện  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG715BRUZ bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button ADG715BRUZ Datasheet HTML 5Page - Analog Devices ADG715BRUZ Datasheet HTML 6Page - Analog Devices ADG715BRUZ Datasheet HTML 7Page - Analog Devices ADG715BRUZ Datasheet HTML 8Page - Analog Devices ADG715BRUZ Datasheet HTML 9Page - Analog Devices ADG715BRUZ Datasheet HTML 10Page - Analog Devices ADG715BRUZ Datasheet HTML 11Page - Analog Devices ADG715BRUZ Datasheet HTML 12Page - Analog Devices ADG715BRUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG714/ADG715
–9–
REV.
VDD
Most positive power supply potential.
VSS
Most negative power supply in a dual supply
application. In single supply applications, this
should be tied to ground.
IDD
Positive Supply Current
ISS
Negative Supply Current
GND
Ground (0 V) Reference
S
Source Terminal. May be an input or output.
D
Drain Terminal. May be an input or output.
RON
Ohmic resistance between D and S
ΔR
ON
On resistance match between any two channels,
i.e., RON max–RON min.
RFLAT(ON)
Flatness is defined as the difference between the
maximum and minimum value of on resistance
as measured over the specified analog signal range.
IS (OFF)
Source leakage current with the switch “OFF.”
ID (OFF)
Drain leakage current with the switch “OFF.”
ID, IS (ON)
Channel leakage current with the switch “ON.”
VD (VS)
Analog voltage on terminals D and S
CS (OFF)
“OFF” Switch Source Capacitance. Measured
with reference to ground.
CD (OFF)
“OFF” Switch Drain Capacitance. Measured
with reference to ground.
CD, CS (ON)
“ON” Switch Capacitance. Measured with ref-
erence to ground.
CIN
Digital Input Capacitance
tON
Delay time between loading new data to the
shift register and selected switches switching on.
tOFF
Delay time between loading new data to the
shift register and selected switches switching off.
Off Isolation
A measure of unwanted signal coupling through
an “OFF” switch.
Crosstalk
A measure of unwanted signal which is coupled
through from one channel to another as a result
of parasitic capacitance.
Charge
A measure of the glitch impulse transferred
Injection
from the digital input to the analog output
during switching.
Bandwidth
The frequency at which the output is attenuated
by –3 dBs.
On Response
The frequency response of the “ON” switch.
Insertion Loss The loss due to the ON resistance of the switch.
Insertion Loss = 20 log10 (VOUT with switch/
VOUT without switch.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL(IINH)
Input current of the digital input.
IDD
Positive Supply Current
TERMINOLOGY
C


Số phần tương tự - ADG715BRUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG715BRU AD-ADG715BRU Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
ADG715BRU AD-ADG715BRU Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
More results

Mô tả tương tự - ADG715BRUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
ADG714 AD-ADG714 Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG728 AD-ADG728 Datasheet
150Kb / 12P
   CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG729BRUZ AD-ADG729BRUZ Datasheet
360Kb / 13P
   CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
REV. C
ADG738 AD-ADG738 Datasheet
156Kb / 12P
   CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG739BRUZ AD-ADG739BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
ADG738BRUZ AD-ADG738BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
logo
Maxim Integrated Produc...
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
   Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com