công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC128D818CIMT-NOPB bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADC128D818CIMT-NOPB
Giải thích chi tiết về linh kiện  ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADC128D818CIMT-NOPB bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADC128D818CIMT-NOPB Datasheet HTML 1Page - Texas Instruments ADC128D818CIMT-NOPB Datasheet HTML 2Page - Texas Instruments ADC128D818CIMT-NOPB Datasheet HTML 3Page - Texas Instruments ADC128D818CIMT-NOPB Datasheet HTML 4Page - Texas Instruments ADC128D818CIMT-NOPB Datasheet HTML 5Page - Texas Instruments ADC128D818CIMT-NOPB Datasheet HTML 6Page - Texas Instruments ADC128D818CIMT-NOPB Datasheet HTML 7Page - Texas Instruments ADC128D818CIMT-NOPB Datasheet HTML 8Page - Texas Instruments ADC128D818CIMT-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADC128D818
SNAS483E – FEBRUARY 2010 – REVISED MARCH 2013
www.ti.com
Product Highlights
The maximum number of channels that can be enabled for each input mode are shown in the table below.
Unusued channels may be disabled through software.
Table 1. Input Modes
Modes of
Single-Ended Inputs
Pseudo-Differential
Internal Temperature
Cycle Time with Maximum
Operation
Inputs
Measurement
Number of Channels Enabled
(ms - typ).
0
7
-
1
88
1
8
-
-
96
2
-
4
1
52
3
4
2
1
76
Table 2. Conversion Modes
Conversion Modes
Description
Continuous
Enabled channels are measured continuously.
Enabled channels are measured, then the device is automatically placed into shutdown mode. This
Low Power
cycle is repeated every 728 ms.
When One-Shot Register (address 09h) is programmed while the device is in shutdown or deep
shutdown mode, the device will initiate a single conversion and comparison cycle, after which the
One-Shot
device returns to the respective mode it was in.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: ADC128D818


Số phần tương tự - ADC128D818CIMT-NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC128D818CIMT NSC-ADC128D818CIMT Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818CIMT TI1-ADC128D818CIMT Datasheet
1Mb / 46P
[Old version datasheet]   ADC System Monitor
ADC128D818CIMT/NOPB TI1-ADC128D818CIMT/NOPB Datasheet
1Mb / 46P
[Old version datasheet]   ADC System Monitor
logo
National Semiconductor ...
ADC128D818CIMTX NSC-ADC128D818CIMTX Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818CIMTX TI1-ADC128D818CIMTX Datasheet
1Mb / 46P
[Old version datasheet]   ADC System Monitor
More results

Mô tả tương tự - ADC128D818CIMT-NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
logo
Analog Devices
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
logo
Maxim Integrated Produc...
MAX1253 MAXIM-MAX1253 Datasheet
439Kb / 29P
   Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
19-2838; Rev 0; 4/03
logo
Texas Instruments
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
ADS7138 TI1-ADS7138 Datasheet
708Kb / 75P
[Old version datasheet]   Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com