công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7887AR-REEL7 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD7887AR-REEL7
Giải thích chi tiết về linh kiện  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7887AR-REEL7 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD7887AR-REEL7 Datasheet HTML 1Page - Analog Devices AD7887AR-REEL7 Datasheet HTML 2Page - Analog Devices AD7887AR-REEL7 Datasheet HTML 3Page - Analog Devices AD7887AR-REEL7 Datasheet HTML 4Page - Analog Devices AD7887AR-REEL7 Datasheet HTML 5Page - Analog Devices AD7887AR-REEL7 Datasheet HTML 6Page - Analog Devices AD7887AR-REEL7 Datasheet HTML 7Page - Analog Devices AD7887AR-REEL7 Datasheet HTML 8Page - Analog Devices AD7887AR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2.7 V to 5.25 V, Micropower, 2-Channel,
125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7887
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Specified for VDD of 2.7 V to 5.25 V
Flexible power/throughput rate management
Shutdown mode: 1 μA max
One or two single-ended inputs
Serial interface: SPI®/QSPI™/MICROWIRE™/DSP compatible
8-lead narrow SOIC and MSOP packages
APPLICATIONS
Battery-powered systems (personal digital assistants,
medical instruments, mobile communications)
Instrumentation and control systems
High speed modems
FUNCTIONAL BLOCK DIAGRAM
SAR + ADC
CONTROL LOGIC
GND
AIN0
SCLK
DOUT
DIN
VDD
AD7887
CS
T/H
I/P
MUX
BUF
CHARGE
REDISTRIBUTION
DAC
COMP
AIN1/
VREF
AIN1/VREF
SOFTWARE
CONTROL
LATCH
2.5V
REF
SPORT
Figure 1.
GENERAL DESCRIPTION
The AD7887 is a high speed, low power, 12-bit analog-to-digital
converter (ADC) that operates from a single 2.7 V to 5.25 V
power supply. The AD7887 is capable of 125 kSPS throughput
rate. The input track-and-hold acquires a signal in 500 ns and
features a single-ended sampling scheme. The output coding for
the AD7887 is straight binary, and the part is capable of
converting full power signals of up to 2.5 MHz.
The AD7887 can be configured for either dual- or single-channel
operation via the on-chip control register. There is a default
single-channel mode that allows the AD7887 to be operated as a
read-only ADC. In single-channel operation, there is one
analog input (AIN0) and the AIN1/VREF pin assumes its VREF
function. This VREF pin allows the user access to the part’s
internal 2.5 V reference, or the VREF pin can be overdriven by an
external reference to provide the reference voltage for the part.
This external reference voltage has a range of 2.5 V to VDD. The
analog input range on AIN0 is 0 to VREF.
In dual-channel operation, the AIN1/VREF pin assumes its AIN1
function, providing a second analog input channel. In this case,
the reference voltage for the part is provided via the VDD pin. As
a result, the input voltage range on both the AIN0 and AIN1
inputs is 0 to VDD.
CMOS construction ensures low power dissipation of typically
2 mW for normal operation and 3 μW in power-down mode.
The part is available in an 8-lead, 0.15-inch-wide narrow body
SOIC and an 8-lead MSOP package.
PRODUCT HIGHLIGHTS
1.
Smallest 12-bit dual-/single-channel ADC; 8-lead MSOP
package.
2.
Lowest power 12-bit dual-/single-channel ADC.
3.
Flexible power management options, including automatic
power-down after conversion.
4.
Read-only ADC capability.
5.
Analog input range from 0 V to VREF.
6.
Versatile serial input/output port (SPI/QSPI/MICROWIRE/
DSP compatible).


Số phần tương tự - AD7887AR-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7887AR-REEL7 AD-AD7887AR-REEL7 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
More results

Mô tả tương tự - AD7887AR-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com