công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7887AR-REEL bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD7887AR-REEL
Giải thích chi tiết về linh kiện  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7887AR-REEL bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD7887AR-REEL Datasheet HTML 1Page - Analog Devices AD7887AR-REEL Datasheet HTML 2Page - Analog Devices AD7887AR-REEL Datasheet HTML 3Page - Analog Devices AD7887AR-REEL Datasheet HTML 4Page - Analog Devices AD7887AR-REEL Datasheet HTML 5Page - Analog Devices AD7887AR-REEL Datasheet HTML 6Page - Analog Devices AD7887AR-REEL Datasheet HTML 7Page - Analog Devices AD7887AR-REEL Datasheet HTML 8Page - Analog Devices AD7887AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD7887
Rev. D | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Timing Specifications .................................................................. 5
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configurations and Function Descriptions ........................... 7
 
Typical Performance Characteristics ............................................. 8
 
Terminology ...................................................................................... 9
 
Control Register.............................................................................. 10
 
Theory of Operation ...................................................................... 11
 
Circuit Information.................................................................... 11
 
Converter Operation.................................................................. 11
 
ADC Transfer Function............................................................. 11
 
Typical Connection Diagram ................................................... 11
 
Analog Input ............................................................................... 12
 
Power-Down Options ................................................................ 13
 
Power vs. Throughput Rate....................................................... 13
 
Modes of Operation ................................................................... 13
 
Serial Interface ............................................................................ 17
 
Microprocessor Interfacing....................................................... 18
 
Application Hints ....................................................................... 20
 
Outline Dimensions ....................................................................... 21
 
Ordering Guide .......................................................................... 21
 
REVISION HISTORY
2/09—Rev.
C to Rev. D
Changes to Ordering Guide .......................................................... 21
9/06—Rev. B to Rev. C
Updated Format..................................................................Universal
Change to Absolute Maximum Ratings......................................... 6
Additions to Pin Configurations .................................................... 7
Added Table 7.................................................................................. 18
Updated Outline Dimensions ....................................................... 21
Changes to Ordering Guide .......................................................... 21


Số phần tương tự - AD7887AR-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7887AR-REEL7 AD-AD7887AR-REEL7 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
More results

Mô tả tương tự - AD7887AR-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com