công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5665RBCPZ-REEL7 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD5665RBCPZ-REEL7
Giải thích chi tiết về linh kiện  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5665RBCPZ-REEL7 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD5665RBCPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD5665RBCPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD5665RBCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5665RBCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5665RBCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5665RBCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5665RBCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5665RBCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5665RBCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Data Sheet
Rev. C | Page 4 of 36
A Grade
B Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments1
REFERENCE OUTPUT (1.25 V)
Output Voltage
1.247
1.253
1.247
1.253
V
At ambient
Reference TC3
±10
±10
ppm/°C
TSSOP and LFCSP packages
±15
ppm/°C
WLCSP package
Output Impedance
7.5
7.5
REFERENCE OUTPUT (2.5 V)
VDD = 4.5 V to 5.5 V
Output Voltage
2.495
2.505
2.495
2.505
V
At ambient
Reference TC3
±10
±5
±10
ppm/°C
Output Impedance
7.5
7.5
LOGIC INPUTS (ADDRx, CLR,
LDAC, POR)3
IIN, Input Current
±1
±1
μA
VINL, Input Low Voltage
0.15 × VDD
0.15 × VDD
V
VINH, Input High Voltage
0.85 × VDD
0.85 × VDD
V
CIN, Pin Capacitance
2
2
pF
VHYST, Input Hysteresis
0.1 × VDD
0.1 × VDD
V
LOGIC INPUTS (SDA, SCL)3
IIN, Input Current
±1
±1
μA
VINL, Input Low Voltage
0.3 × VDD
0.3 × VDD
V
VINH, Input High Voltage
0.7 × VDD
0.7 × VDD
V
CIN, Pin Capacitance
2
2
pF
VHYST, Input Hysteresis
0.1 × VDD
0.1 × VDD
V
High speed mode
0.05 × VDD
0.05 × VDD
V
Fast mode
LOGIC OUTPUTS (SDA)3
VOL, Output Low Voltage
0.4
0.4
V
ISINK = 3 mA
0.6
0.6
V
ISINK = 6 mA
Floating-State Leakage
Current
±1
±1
μA
Floating-State Output
Capacitance
2
2
pF
POWER REQUIREMENTS
VDD
2.7
5.5
2.7
5.5
V
IDD (Normal Mode)4
VIH = VDD, VIL = GND, full-scale loaded
VDD = 4.5 V to 5.5 V
1.0
1.16
1.0
1.16
mA
Internal reference off
VDD = 2.7 V to 3.6 V
0.9
1.05
0.9
1.05
mA
Internal reference off
VDD = 4.5 V to 5.5 V
1.9
2.14
1.9
2.14
mA
Internal reference on
VDD = 2.7 V to 3.6 V
1.4
1.59
1.4
1.59
mA
Internal reference on
IDD (All Power-Down Modes)5
VDD = 2.7 V to 5.5 V
0.48
1
0.48
1
μA
VIH = VDD, VIL = GND (LFCSP)
VDD = 3.6 V to 5.5 V
0.48
1
0.48
1
μA
VIH = VDD, VIL = GND (TSSOP)
1 Temperature range of A and B grades is −40°C to +105°C.
2 Linearity calculated using a reduced code range: AD5665R (Code 512 to Code 65,024), AD5645R (Code 128 to Code 16,256), AD5625R (Code 32 to Code 4064). Output
unloaded.
3 Guaranteed by design and characterization; not production tested.
4 Interface inactive. All DACs active. DAC outputs unloaded.
5 All DACs powered down. Power-down function is not available on 14-lead TSSOP parts when the part is powered with VDD < 3.6 V.


Số phần tương tự - AD5665RBCPZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5665RBCPZ-REEL7 AD-AD5665RBCPZ-REEL7 Datasheet
819Kb / 32P
   Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
Rev. PrA
More results

Mô tả tương tự - AD5665RBCPZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5665R AD-AD5665R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625 AD-AD5625_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5624R AD-AD5624R Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com