công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5390BCPZ-5-REEL bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD5390BCPZ-5-REEL
Giải thích chi tiết về linh kiện  8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5390BCPZ-5-REEL bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD5390BCPZ-5-REEL Datasheet HTML 1Page - Analog Devices AD5390BCPZ-5-REEL Datasheet HTML 2Page - Analog Devices AD5390BCPZ-5-REEL Datasheet HTML 3Page - Analog Devices AD5390BCPZ-5-REEL Datasheet HTML 4Page - Analog Devices AD5390BCPZ-5-REEL Datasheet HTML 5Page - Analog Devices AD5390BCPZ-5-REEL Datasheet HTML 6Page - Analog Devices AD5390BCPZ-5-REEL Datasheet HTML 7Page - Analog Devices AD5390BCPZ-5-REEL Datasheet HTML 8Page - Analog Devices AD5390BCPZ-5-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD5390/AD5391/AD5392
Data Sheet
Rev. E | Page 4 of 44
GENERAL DESCRIPTION
The AD5390/AD5391 are complete single-supply, 16-channel,
14-bit and 12-bit DACs, respectively. The AD5392 is a complete
single-supply, 8-channel, 14-bit DAC. The devices are available
in either a 64-lead LFCSP or a 52-lead LQFP. All channels have
an on-chip output amplifier with rail-to-rail operation. All
devices include an internal 1.25/2.5 V, 10 ppm/°C reference, an
on-chip channel monitor function that multiplexes the analog
outputs to a common MON_OUT pin for external monitoring,
and an output amplifier boost mode that optimizes the output
amplifier slew rate.
The AD5390/AD5391/AD5392 contain a 3-wire serial interface
with interface speeds in excess of 30 MHz that are compatible
with SPI®, QSPI™, MICROWIRE™, and DSP interface standards
and an I2C-compatible interface supporting a 400 kHz data
transfer rate.
An input register followed by a DAC register provides double-
buffering, allowing DAC outputs to be updated independently
or simultaneously using the LDAC input. Each channel has a
programmable gain and offset adjust register, letting the user
fully calibrate any DAC channel.
Power consumption is typically 0.25 mA per channel.
Table 1. Additional High Channel Count, Low Voltage, Single-Supply DACs in Portfolio
Model
Resolution
AVDD Range
Output
Channels
Linearity Error (LSB)
Package Description
Package Option
AD5380BSTZ-5
14 Bits
4.5 V to 5.5 V
40
±4
100-Lead LQFP
ST-100
AD5380BSTZ-3
14 Bits
2.7 V to 3.6 V
40
±4
100-Lead LQFP
ST-100
AD5381BSTZ-5
12 Bits
4.5 V to 5.5 V
40
±1
100-Lead LQFP
ST-100
AD5381BSTZ-3
12 Bits
2.7 V to 3.6 V
40
±1
100-Lead LQFP
ST-100
AD5382BSTZ-5
14 Bits
4.5 V to 5.5 V
32
±4
100-Lead LQFP
ST-100
AD5382BSTZ-3
14 Bits
2.7 V to 3.6 V
32
±4
100-Lead LQFP
ST-100
AD5383BSTZ-5
12 Bits
4.5 V to 5.5 V
32
±1
100-Lead LQFP
ST-100
AD5383BSTZ-3
12 Bits
2.7 V to 3.6 V
32
±1
100-Lead LQFP
ST-100


Số phần tương tự - AD5390BCPZ-5-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5390BCPZ-5 AD-AD5390BCPZ-5 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Rev. D
More results

Mô tả tương tự - AD5390BCPZ-5-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5384 AD-AD5384_15 Datasheet
732Kb / 33P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
REV. C
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com