công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5361BCPZ1 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD5361BCPZ1
Giải thích chi tiết về linh kiện  16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5361BCPZ1 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD5361BCPZ1 Datasheet HTML 1Page - Analog Devices AD5361BCPZ1 Datasheet HTML 2Page - Analog Devices AD5361BCPZ1 Datasheet HTML 3Page - Analog Devices AD5361BCPZ1 Datasheet HTML 4Page - Analog Devices AD5361BCPZ1 Datasheet HTML 5Page - Analog Devices AD5361BCPZ1 Datasheet HTML 6Page - Analog Devices AD5361BCPZ1 Datasheet HTML 7Page - Analog Devices AD5361BCPZ1 Datasheet HTML 8Page - Analog Devices AD5361BCPZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5360/AD5361
Rev. A | Page 4 of 28
SPECIFICATIONS
DVCC = 2.5 V to 5.5 V; VDD = 9 V to 16.5 V; VSS = −16.5 V to −4.5 V; VREF = 5 V; AGND = DGND = SIGGND = 0 V; RL = open circuit;
gain (M), offset (C), and DAC offset registers at default value; all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
B Version1
Unit
Test Conditions/Comments
ACCURACY
Resolution
AD5360
16
Bits
AD5361
14
Bits
Relative Accuracy
AD5360
±4
LSB max
AD5361
±1
LSB max
Differential Nonlinearity
±1
LSB max
Guaranteed monotonic by design over temperature
Zero-Scale Error
±15
mV max
Before calibration
Full-Scale Error
±20
mV max
Before calibration
Gain Error
0.1
% FSR
Before calibration
Zero-Scale Error2
1
LSB typ
After calibration
Full-Scale Error2
1
LSB typ
After calibration
Span Error of Offset DAC
±75
mV max
See the
Offset DACS section for details
VOUTx3 Temperature Coefficient
5
ppm FSR/°C typ
Includes linearity, offset, and gain drift
DC Crosstalk4
180
μV max
Typically 20 μV; measured channel at midscale, full-scale
change on any other channel
REFERENCE INPUTS (VREF0, VREF1)2
VREF Input Current
±10
μA max
Per input; typically ±30 nA
VREF Range2
2/5
V min/max
±2% for specified operation
SIGGND INPUT (SIGGND0 to SIGGND1)4
DC Input Impedance
50
kΩ min
Typically 55 kΩ
Input Range
±0.5
V max
SIGGND Gain
0.995/1.005
Min/max
OUTPUT CHARACTERISTICS2
Output Voltage Range
VSS + 1.4
V min
ILOAD = 1 mA
VDD − 1.4
V max
ILOAD = 1 mA
Nominal Output Voltage Range
−10 to +10
V nominal
Short-Circuit Current
15
mA max
VOUTx3 to DVCC, VDD, or VSS
Load Current
±1
mA max
Capacitive Load
2200
pF max
DC Output Impedance
0.5
Ω max
MONITOR PIN (MON_OUT)4
Output Impedance
DAC Output at Positive Full-Scale
1000
Ω typ
DAC Output at Negative Full-Scale
500
Ω typ
Three-State Leakage Current
100
nA typ
Continuous Current Limit
2
mA max
DIGITAL INPUTS
JEDEC compliant
Input High Voltage
1.7
V min
DVCC = 2.5 V to 3.6 V
2.0
V min
DVCC = 3.6 V to 5.5 V
Input Low Voltage
0.8
V max
DVCC = 2.5 V to 5.5 V
Input Current
±1
μA max
RESET, SYNC, SDI, and SCLK pins
±20
μA max
CLR, BIN/2SCOMP, and GPIO pins
Input Capacitance4
10
pF max


Số phần tương tự - AD5361BCPZ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results

Mô tả tương tự - AD5361BCPZ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5362 AD-AD5362 Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5362 AD-AD5362_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com