công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5361BSTZ-REEL1 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD5361BSTZ-REEL1
Giải thích chi tiết về linh kiện  16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5361BSTZ-REEL1 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD5361BSTZ-REEL1 Datasheet HTML 2Page - Analog Devices AD5361BSTZ-REEL1 Datasheet HTML 3Page - Analog Devices AD5361BSTZ-REEL1 Datasheet HTML 4Page - Analog Devices AD5361BSTZ-REEL1 Datasheet HTML 5Page - Analog Devices AD5361BSTZ-REEL1 Datasheet HTML 6Page - Analog Devices AD5361BSTZ-REEL1 Datasheet HTML 7Page - Analog Devices AD5361BSTZ-REEL1 Datasheet HTML 8Page - Analog Devices AD5361BSTZ-REEL1 Datasheet HTML 9Page - Analog Devices AD5361BSTZ-REEL1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5360/AD5361
Rev. A | Page 6 of 28
TIMING CHARACTERISTICS
DVCC = 2.5 V to 5.5 V; VDD = 9 V to 16.5 V; VSS = −8 V to −16.5 V; VREF = 5 V; AGND = DGND = SIGGND = 0 V; CL = 200 pF to GND;
RL = open circuit; gain (M), offset (C), and DAC offset registers at default values; all specifications TMIN to TMAX, unless otherwise noted.
Table 3. SPI Interface (See Figure 4 and Figure 5)
Parameter1, 2
Limit at TMIN, TMAX
Unit
Description
t1
20
ns min
SCLK cycle time
t2
8
ns min
SCLK high time
t3
8
ns min
SCLK low time
t4
11
ns min
SYNC falling edge to SCLK falling edge setup time
t5
20
ns min
Minimum SYNC high time
t6
10
ns min
24th SCLK falling edge to SYNC rising edge
t7
5
ns min
Data setup time
t8
5
ns min
Data hold time
t93
42
ns max
SYNC rising edge to BUSY falling edge
t10
1/1.5
μs typ/max
BUSY pulse width low (single-channel update); see Table 8
t11
600
ns max
Single-channel update cycle time
t12
20
ns min
SYNC rising edge to LDAC falling edge
t13
10
ns min
LDAC pulse width low
t14
3
μs max
BUSY rising edge to DAC output response time
t15
0
ns min
BUSY rising edge to LDAC falling edge
t16
3
μs max
LDAC falling edge to DAC output response time
t17
20/30
μs typ/max
DAC output settling time
t18
140
ns max
CLR/RESET pulse activation time
t19
30
ns min
RESET pulse width low
t20
400
μs max
RESET time indicated by BUSY low
t21
270
ns min
Minimum SYNC high time in readback mode
t224
25
ns max
SCLK rising edge to SDO valid
t23
80
ns max
RESET rising edge to BUSY falling edge
1 Guaranteed by design and characterization, not production tested.
2 All input signals are specified with tr = tf = 2 ns (10% to 90% of DVCC) and timed from a voltage level of 1.2 V.
3 This is measured with the load circuit shown in Figure 2.
4 This is measured with the load circuit shown in Figure 3.
TO
OUTPUT
PIN
CL
50pF
RL
2.2k
VOL
DVCC
VOH (MIN) – VOL (MAX)
2
200µA
IOL
200µA
IOH
TO OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for BUSY Timing Diagram
Figure 3. Load Circuit for SDO Timing Diagram


Số phần tương tự - AD5361BSTZ-REEL1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results

Mô tả tương tự - AD5361BSTZ-REEL1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5362 AD-AD5362 Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5362 AD-AD5362_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com