công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1902DL bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện SI1902DL
Giải thích chi tiết về linh kiện  Dual N-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1902DL bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  SI1902DL Datasheet HTML 1Page - Vishay Siliconix SI1902DL Datasheet HTML 2Page - Vishay Siliconix SI1902DL Datasheet HTML 3Page - Vishay Siliconix SI1902DL Datasheet HTML 4Page - Vishay Siliconix SI1902DL Datasheet HTML 5Page - Vishay Siliconix SI1902DL Datasheet HTML 6Page - Vishay Siliconix SI1902DL Datasheet HTML 7Page - Vishay Siliconix SI1902DL Datasheet HTML 8Page - Vishay Siliconix SI1902DL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 71080
S11-2043-Rev. J, 17-Oct-11
Vishay Siliconix
Si1902DL
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.6
1.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V
1
µA
VDS = 16 VGS = 0 V, TJ = 85°C
5
On-State Drain Currenta
ID(on)
VDS  5 V, VGS = 4.5 V
1
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 0.66 A
0.320
0.385
VGS = 2.5 V, ID = 0.40 A
0.560
0.630
Forward Transconductancea
gfs
VDS = 10 V, ID = 0.66 A
1.5
S
Diode Forward Voltagea
VSD
IS = 0.23 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V, ID = 0.66 A
0.8
1.2
nC
Gate-Source Charge
Qgs
0.06
Gate-Drain Charge
Qgd
0.30
Gate Resistance
Rg
f = 1 MHz
0.2
1
1.7
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 20 
ID  0.5 A, VGEN = 4.5 V, Rg = 6 
10
20
ns
Rise Time
tr
16
30
Turn-Off DelayTime
td(off)
10
20
Fall Time
tf
10
20
Source-Drain Reverse Recovery Time
trr
IF = 0.23 A, dI/dt = 100 A/µs
20
40
Output Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 V thru 2.5 V
2 V
VDS - Drain-to-Source Voltage (V)
1.5 V
1 V
Transfer Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)


Số phần tương tự - SI1902DL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI1902DL VISHAY-SI1902DL Datasheet
104Kb / 6P
   Dual N-Channel 20-V (D-S) MOSFET
S-51415-Rev. H, 03-Apr-06
SI1902DL VISHAY-SI1902DL Datasheet
240Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1902DL-T1 VISHAY-SI1902DL-T1 Datasheet
104Kb / 6P
   Dual N-Channel 20-V (D-S) MOSFET
S-51415-Rev. H, 03-Apr-06
SI1902DL-T1-E3 VISHAY-SI1902DL-T1-E3 Datasheet
104Kb / 6P
   Dual N-Channel 20-V (D-S) MOSFET
S-51415-Rev. H, 03-Apr-06
More results

Mô tả tương tự - SI1902DL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com