công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74FR16245 bảng dữ liệu(PDF) 1 Page - Rochester Electronics

tên linh kiện 74FR16245
Giải thích chi tiết về linh kiện  16-Bit Transceiver with 3-STATE Outputs Separate control pins for each byte
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROCHESTER [Rochester Electronics]
Trang chủ  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

74FR16245 bảng dữ liệu(HTML) 1 Page - Rochester Electronics

  74FR16245 Datasheet HTML 1Page - Rochester Electronics 74FR16245 Datasheet HTML 2Page - Rochester Electronics 74FR16245 Datasheet HTML 3Page - Rochester Electronics 74FR16245 Datasheet HTML 4Page - Rochester Electronics 74FR16245 Datasheet HTML 5Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
74FR16245
© 2012 Rochester Electronics, LLC. All Rights Reserved 12172012
Specification Number 74FR16245-CI(F) Rev A
Page 1 of 5
© 1999 Fairchild Semiconductor Corporation
DS010614
www.fairchildsemi.com
October 1989
Revised August 1999
74FR16245
16-Bit Transceiver with 3-STATE Outputs
General Description
The 74FR16245 contains sixteen non-inverting bidirec-
tional buffers with 3-STATE outputs and is intended for bus-
oriented applications. Current sinking capability is 64 mA
on both the A and B Ports. The device is byte controlled.
Each byte has separate control inputs which can be
shorted together for full 16-bit operation. The transmit/
receive (T/Rn) inputs determine the direction of data flow
through the transceiver. The output enable (OEn) inputs
disable both A and B Ports by placing them in an high
impedance state.
Features
Non-inverting buffers
Bidirectional data paths
A and B output sink capability of 64 mA, source
capability of 15 mA
Separate control pins for each byte
Guaranteed pin-to-pin skew
Low 3-STATE IIL
16-Bit version of the 74F245 or 74F645
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignment for SSOP
Pin Assignment for PLCC
Logic Symbol
Order Number Package Number
Package Description
74FR16245QC
V44A
44-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.650 Square
74FR16245SSC
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300 Wide
© 1999 Fairchild Semiconductor Corporation
DS010614
www.fairchildsemi.com
October 1989
Revised August 1999
74FR16245
16-Bit Transceiver with 3-STATE Outputs
General Description
The 74FR16245 contains sixteen non-inverting bidirec-
tional buffers with 3-STATE outputs and is intended for bus-
oriented applications. Current sinking capability is 64 mA
on both the A and B Ports. The device is byte controlled.
Each byte has separate control inputs which can be
shorted together for full 16-bit operation. The transmit/
receive (T/Rn) inputs determine the direction of data flow
through the transceiver. The output enable (OEn) inputs
disable both A and B Ports by placing them in an high
impedance state.
Features
Non-inverting buffers
Bidirectional data paths
A and B output sink capability of 64 mA, source
capability of 15 mA
Separate control pins for each byte
Guaranteed pin-to-pin skew
Low 3-STATE IIL
16-Bit version of the 74F245 or 74F645
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignment for SSOP
Pin Assignment for PLCC
Logic Symbol
Order Number Package Number
Package Description
74FR16245QC
V44A
44-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.650 Square
74FR16245SSC
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300 Wide
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.
* For complete Rochester ordering guide, please refer to page 2 *


Số phần tương tự - 74FR16245

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
74FR16245 NSC-74FR16245 Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
74FR16245Q NSC-74FR16245Q Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74FR16245QC FAIRCHILD-74FR16245QC Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74FR16245SSC FAIRCHILD-74FR16245SSC Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
More results

Mô tả tương tự - 74FR16245

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245_05 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245 Datasheet
86Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com