công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HLMP-1301 bảng dữ liệu(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-1301 bảng dữ liệu(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED |
5 / 13 page 5 Electrical Characteristics at TA = 25 °C Symbol Description Device HLMP- Min. Typ. Max. Units Test Conditions 2θ1/2 Included Angle Between Half Luminous Intensity Points All 60 Deg. IF = 10 mA See Note 1 lPEAK Peak Wavelength High Efficiency Red 635 nm Measurement at Peak Orange 600 Yellow 583 Green 565 Emerald Green 558 ld Dominant Wavelength High Efficiency Red 626 nm See Note 2 Orange 602 Yellow 585 Green 569 Emerald Green 560 Dl1/2 Spectral Line Halfwidth High Efficiency Red 40 nm Yellow 36 Green 28 Emerald Green 24 ts Speed of Response High Efficiency Red 90 ns Orange 280 Yellow 90 Green 500 Emerald Green 3100 C Capacitance High Efficiency Red 11 pF VF = 0; Orange 4 f = 1 MHz Yellow 15 Green 18 Emerald Green 35 RθJ-PIN Thermal Resistance All 290 °C/W Junction to Cathode Lead VF Forward Voltage HER/Orange 1.5 1.9 2.4 V IF = 10 mA Yellow 1.5 2.0 2.4 Green 1.5 2.1 2.7 Emerald Green 2.1 2.7 VR Reverse Breakdown Voltage All 5.0 V IR = 100 μA hV Luminous Efficacy High Efficiency Red 145 lumens See Note 3 Orange 380 watt Yellow 500 Green 595 Emerald Green 655 Notes: 1. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 2. The dominant wavelength, ld, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 3. Radiant intensity, le, in watts/steradian, may be found from the equation Ie= Iv/hv, where Iv is the luminous intensity in candelas and hv is the luminous efficacy in lumens/watt. |
Số phần tương tự - HLMP-1301 |
|
Mô tả tương tự - HLMP-1301 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |