công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4860M_NOPB bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM4860M_NOPB
Giải thích chi tiết về linh kiện  Series 1W Audio Power Amplifier with Shutdown Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4860M_NOPB bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM4860M_NOPB Datasheet HTML 1Page - Texas Instruments LM4860M_NOPB Datasheet HTML 2Page - Texas Instruments LM4860M_NOPB Datasheet HTML 3Page - Texas Instruments LM4860M_NOPB Datasheet HTML 4Page - Texas Instruments LM4860M_NOPB Datasheet HTML 5Page - Texas Instruments LM4860M_NOPB Datasheet HTML 6Page - Texas Instruments LM4860M_NOPB Datasheet HTML 7Page - Texas Instruments LM4860M_NOPB Datasheet HTML 8Page - Texas Instruments LM4860M_NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LM4860
www.ti.com
SNAS096C – AUGUST 1994 – REVISED MAY 2013
External Components Description
(See Figure 1 and Figure 3)
Components
Functional Description
1.
Ri
Inverting input resistance which sets the closed-loop gain in conjunction with Rf. This resistor also forms a high pass
filter with Ci at fC = 1/(2π Ri Ci).
2.
Ci
Input coupling capacitor which blocks DC voltage at the amplifier's input terminals. Also creates a high pass filter
with Ri at fC = 1/(2π Ri Ci).
3.
Rf
Feedback resistance which sets closed-loop gain in conjunction with Ri.
4.
CS
Supply bypass capacitor which provides power supply filtering. Refer to Application Information for proper placement
and selection of supply bypass capacitor.
5.
CB
Bypass pin capacitor which provides half supply filtering. Refer to Application Information for proper placement and
selection of bypass capacitor.
6.
Cf
(1)
Used when a differential gain of over 10 is desired. Cf in conjunction with Rf creates a low-pass filter which
bandwidth limits the amplifier and prevents high frequency oscillation bursts. fC = 1/(2π Rf Cf)
(1)
Optional component dependent upon specific design requirements. Refer to Application Information for more in formation.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4860


Số phần tương tự - LM4860M_NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4860M NSC-LM4860M Datasheet
278Kb / 9P
   Series 1W Audio Power Amplifier with Shutdown Mode
More results

Mô tả tương tự - LM4860M_NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4860 NSC-LM4860 Datasheet
278Kb / 9P
   Series 1W Audio Power Amplifier with Shutdown Mode
LM4860 NSC-LM4860_00 Datasheet
323Kb / 11P
   Series 1W Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
   350mW Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
   350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4991 NSC-LM4991 Datasheet
543Kb / 15P
   3W Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com