công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV932MM_NOPB bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMV932MM_NOPB
Giải thích chi tiết về linh kiện  LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV932MM_NOPB bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LMV932MM_NOPB Datasheet HTML 2Page - Texas Instruments LMV932MM_NOPB Datasheet HTML 3Page - Texas Instruments LMV932MM_NOPB Datasheet HTML 4Page - Texas Instruments LMV932MM_NOPB Datasheet HTML 5Page - Texas Instruments LMV932MM_NOPB Datasheet HTML 6Page - Texas Instruments LMV932MM_NOPB Datasheet HTML 7Page - Texas Instruments LMV932MM_NOPB Datasheet HTML 8Page - Texas Instruments LMV932MM_NOPB Datasheet HTML 9Page - Texas Instruments LMV932MM_NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LMV931-N, LMV931-N-Q1, LMV932-N, LMV932-N-Q1
LMV934-N, LMV934-N-Q1
SNOS993L – NOVEMBER 2001 – REVISED MARCH 2013
www.ti.com
2.7V AC Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for TJ = 25°C. V
+ = 2.7V, V = 0V, V
CM = 1.0V, VO = 1.35V and RL > 1 MΩ.
Boldface limits apply at the temperature extremes. See
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
GBW
Gain-Bandwidth Product
1.4
MHz
Φm
Phase Margin
70
deg
Gm
Gain Margin
7.5
dB
en
Input-Referred Voltage Noise
f = 10 kHz, VCM = 0.5V
57
nV
√Hz
in
Input-Referred Current Noise
f = 10 kHz
0.08
pA/
√Hz
THD
Total Harmonic Distortion
f = 1kHz, AV = +1
0.022
%
RL = 600Ω, VIN = 1VPP
Amp-to-Amp Isolation
See(5)
123
dB
(5)
Input referred, RL = 100kΩ connected to V
+/2. Each amp excited in turn with 1kHz to produce V
O = 3VPP (For Supply Voltages <3V, VO
= V+).
5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C. V
+ = 5V, V = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes. See
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
(2)
(3)
(2)
VOS
Input Offset Voltage
LMV931-N (Single)
1
4
mV
6
LMV932-N (Dual)
1
5.5
mV
LMV934-N (Quad)
7.5
TCVOS
Input Offset Voltage Average
5.5
μV/°C
Drift
IB
Input Bias Current
14
35
nA
50
IOS
Input Offset Current
9
25
nA
40
IS
Supply Current (per channel)
116
210
μA
230
CMRR
Common Mode Rejection Ratio
0
≤ VCM ≤ 3.8V
60
86
4.6V
≤ VCM ≤ 5.0V
(4)
55
dB
−0.2V ≤ VCM ≤ 0V
50
78
5.0V
≤ VCM ≤ 5.2V
PSRR
Power Supply Rejection Ratio
1.8V
≤ V+ ≤ 5V
75
100
dB
VCM = 0.5V
70
CMVR
Input Common-Mode Voltage
For CMRR Range TA = 25°C
V
−0.2
−0.2 to 5.3
V+ +0.2
Range
≥ 50dB
TA = −40°C to
V
V+
V
85°C
TA = 125°C
V+0.3
V+
−0.3
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. See Applications section for information of temperature derating of the device. Absolute
Maximum Ratings indicated junction temperature limits beyond which the device may be permanently degraded, either mechanically or
electrically.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(4)
For guaranteed temperature ranges, see Input Common-Mode Voltage Range specifications.
6
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LMV931-N LMV931-N-Q1 LMV932-N LMV932-N-Q1 LMV934-N LMV934-N-Q1


Số phần tương tự - LMV932MM_NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMV932MM/NOPB TI-LMV932MM/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV932MM/NOPB TI1-LMV932MM/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
More results

Mô tả tương tự - LMV932MM_NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV821-N TI1-LMV821-N Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
LMV712-N-Q1 TI-LMV712-N-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV324-N-Q1 TI-LMV324-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LMV321-N-Q1 TI-LMV321-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LMV358-N-Q1 TI-LMV358-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com