công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2937ES-3.3 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2937ES-3.3
Giải thích chi tiết về linh kiện  LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2937ES-3.3 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM2937ES-3.3 Datasheet HTML 1Page - Texas Instruments LM2937ES-3.3 Datasheet HTML 2Page - Texas Instruments LM2937ES-3.3 Datasheet HTML 3Page - Texas Instruments LM2937ES-3.3 Datasheet HTML 4Page - Texas Instruments LM2937ES-3.3 Datasheet HTML 5Page - Texas Instruments LM2937ES-3.3 Datasheet HTML 6Page - Texas Instruments LM2937ES-3.3 Datasheet HTML 7Page - Texas Instruments LM2937ES-3.3 Datasheet HTML 8Page - Texas Instruments LM2937ES-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LM2937-2.5, LM2937-3.3
SNVS015E – FEBRUARY 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Input Voltage
Continuous
26V
Transient (t
≤ 100 ms)
60V
Internal Power Dissipation (3)
Internally Limited
Maximum Junction Temperature
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Soldering
TO-220 (10 seconds)
260°C
DDPAK/TO-263 (10 seconds)
230°C
SOT-223 (Vapor Phase, 60 seconds)
215°C
SOT-223 (Infrared, 15 seconds)
220°C
ESD Susceptibility (4)
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device outside of its rated Operating Conditions.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The maximum allowable power dissipation at any ambient temperature is PMAX = (125 − TA)/θJA, where 125 is the maximum junction
temperature for operation, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. If this dissipation is
exceeded, the die temperature will rise above 125°C and the electrical specifications do not apply. If the die temperature rises above
150°C, the regulator will go into thermal shutdown. The junction-to-ambient thermal resistance
θJA is 65°C/W, for the TO-220 package,
73°C/W for the DDPAK/TO-263 package, and 174°C/W for the SOT-223 package. When used with a heatsink,
θJA is the sum of the
device junction-to-case thermal resistance
θJC of 3°C/W and the heatsink case-to-ambient thermal resistance. If the DDPAK/TO-263 or
SOT-223 packages are used, the thermal resistance can be reduced by increasing the P.C. board copper area thermally connected to
the package (see Application Hints for more information on heatsinking).
(4)
ESD rating is based on the human body model, 100 pF discharged through 1.5 k
Ω.
Operating Conditions
(1)
Temperature Range (2)
LM2937ES, LM2937ET
−40°C ≤ TA ≤ 125°C
LM2937IMP
−40°C ≤ TA ≤ 85°C
Input Voltage Range
4.75V to 26V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device outside of its rated Operating Conditions.
(2)
The maximum allowable power dissipation at any ambient temperature is PMAX = (125 − TA)/θJA, where 125 is the maximum junction
temperature for operation, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. If this dissipation is
exceeded, the die temperature will rise above 125°C and the electrical specifications do not apply. If the die temperature rises above
150°C, the regulator will go into thermal shutdown. The junction-to-ambient thermal resistance
θJA is 65°C/W, for the TO-220 package,
73°C/W for the DDPAK/TO-263 package, and 174°C/W for the SOT-223 package. When used with a heatsink,
θJA is the sum of the
device junction-to-case thermal resistance
θJC of 3°C/W and the heatsink case-to-ambient thermal resistance. If the DDPAK/TO-263 or
SOT-223 packages are used, the thermal resistance can be reduced by increasing the P.C. board copper area thermally connected to
the package (see Application Hints for more information on heatsinking).
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2937-2.5 LM2937-3.3


Số phần tương tự - LM2937ES-3.3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2937ES-3.3 NSC-LM2937ES-3.3 Datasheet
293Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937ES-3.3 TI1-LM2937ES-3.3 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
LM2937ES-3.3/NOPB TI1-LM2937ES-3.3/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
More results

Mô tả tương tự - LM2937ES-3.3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2937IMP-33 TI1-LM2937IMP-33 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
LM2937-2.5 TI-LM2937-2.5_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2937 2.5-V and 3.3-V 400-mA and 500-mA Voltage Regulators
logo
National Semiconductor ...
LM2937-25 NSC-LM2937-25 Datasheet
293Kb / 10P
   400mA and 500mA Voltage Regulators
LM2937-2.5 NSC-LM2937-2.5 Datasheet
309Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com