công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM26480SQ-AA_NOPB bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM26480SQ-AA_NOPB
Giải thích chi tiết về linh kiện  LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM26480SQ-AA_NOPB bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM26480SQ-AA_NOPB Datasheet HTML 7Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 8Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 9Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 10Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 11Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 12Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 13Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 14Page - Texas Instruments LM26480SQ-AA_NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
SUPPLY VOLTAGE (V)
2.10
2.09
2.08
2.07
2.06
2.05
2.04
2.03
2.02
2.01
2.00
3.0
3.5
4.0
4.5
5.0
5.5
LOAD = 750 mA
LOAD = 1.5A
LOAD = 20 mA
SUPPLY VOLTAGE (V)
3.090
3.080
3.070
3.060
3.050
3.040
4.0
4.3
4.6
4.9
5.2
5.5
LOAD = 750 mA
LOAD = 1.5A
LOAD = 20 mA
SHUTDOWN CURRENT (nA)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-40
-20
0
20
40
60
80
100
VIN = 3.6V
VIN = 5.5V
VIN = 2.8V
SUPPLY VOLTAGE (V)
1.250
1.245
1.240
1.235
1.230
1.225
1.220
1.215
1.210
2.5
3.0
3.5
4.0
4.5
5.0
5.5
LOAD = 750 mA
LOAD = 1.5A
LOAD = 20 mA
LM26480
www.ti.com
SNVS543I – JANUARY 2008 – REVISED MAY 2013
Typical Performance Characteristics — Buck
VIN = 2.8V to 5.5V, TA = 25°C
Output Voltage
Shutdown Current
vs.
vs.
Supply Voltage
Temp
(VOUT = 1.2V)
Figure 11.
Figure 12.
Output Voltage
Output Voltage
vs.
vs.
Supply Voltage
Supply Voltage
(VOUT = 2.0V)
(VOUT = 3.0V)
Figure 13.
Figure 14.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM26480


Số phần tương tự - LM26480SQ-AA_NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM26480SQ-AA NSC-LM26480SQ-AA Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480SQ-AA NSC-LM26480SQ-AA Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
More results

Mô tả tương tự - LM26480SQ-AA_NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM26480 TI-LM26480_15 Datasheet
6Mb / 42P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LM26480-Q1 TI1-LM26480-Q1 Datasheet
6Mb / 39P
[Old version datasheet]   LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480 NSC-LM26480_10 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com