công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADM695AQ bảng dữ liệu(PDF) 3 Page - Analog Devices |
|
ADM695AQ bảng dữ liệu(HTML) 3 Page - Analog Devices |
3 / 16 page Parameter Min Typ Max Units Test Conditions/Comments OSCILLATOR OSC IN Input Current ±2 µA OSC SEL Input Pull-Up Current 5 µA OSC IN Frequency Range 0 250 kHz OSC SEL = 0 V OSC IN Frequency with External Capacitor 4 kHz OSC SEL = 0 V, COSC = 47 pF NOTE 1WDI is a three level input which is internally biased to 38% of V CC and has an input impedance of approximately 125 k Ω. Specifications subject to change without notice. ADM690–ADM695 REV. A –3– ABSOLUTE MAXIMUM RATINGS* (TA = +25°C unless otherwise noted) VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V VBATT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V All Other Inputs . . . . . . . . . . . . . . . . . . –0.3 V to VOUT + 0.5 V Input Current VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 mA VBATT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA Power Dissipation, N-8 DIP . . . . . . . . . . . . . . . . . . . . 400 mW θ JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 120 °C/W Power Dissipation, Q-8 DIP . . . . . . . . . . . . . . . . . . . . 500 mW θ JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 125 °C/W Power Dissipation, N-16 DIP . . . . . . . . . . . . . . . . . . . 600 mW θ JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 135 °C/W Power Dissipation, Q-16 DIP . . . . . . . . . . . . . . . . . . . 600 mW θ JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 100 °C/W Power Dissipation, R-16 SOIC . . . . . . . . . . . . . . . . . . 600 mW θ JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 110 °C/W Operating Temperature Range Industrial (A Version) . . . . . . . . . . . . . . . . . –40 °C to +85°C Extended (S Version) . . . . . . . . . . . . . . . . . –55 °C to +125°C Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . +300 °C Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . . +215 °C Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220 °C Storage Temperature Range . . . . . . . . . . . . . –65 °C to +150°C *Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum ratings for extended periods of time may affect device reliability. ORDERING GUIDE Model Temperature Range Package Option ADM690AN –40 °C to +85°C N-8 ADM690AQ –40 °C to +85°C Q-8 ADM690SQ –55 °C to +125°C Q-8 ADM691AN –40 °C to +85°C N-16 ADM691AR –40 °C to +85°C R-16 ADM691AQ –40 °C to +85°C Q-16 ADM691SQ –55 °C to +125°C Q-16 ADM692AN –40 °C to +85°C N-8 ADM692AQ –40 °C to +85°C Q-8 ADM692SQ –55 °C to +125°C Q-8 ADM693AN –40 °C to +85°C N-16 ADM693AR –40 °C to +85°C R-16 ADM693AQ –40 °C to +85°C Q-16 ADM693SQ –55 °C to +125°C Q-16 ADM694AN –40 °C to +85°C N-8 ADM694AQ –40 °C to +85°C Q-8 ADM694SQ –55 °C to +125°C Q-8 ADM695AN –40 °C to +85°C N-16 ADM695AR –40 °C to +85°C R-16 ADM695AQ –40 °C to +85°C Q-16 ADM695SQ –55 °C to +125°C Q-16 WARNING! ESD SENSITIVE DEVICE CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADM690–ADM695 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Số phần tương tự - ADM695AQ |
|
Mô tả tương tự - ADM695AQ |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |