công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FQA33N10L bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FQA33N10L
Giải thích chi tiết về linh kiện  100V LOGIC N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA33N10L bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FQA33N10L Datasheet HTML 1Page - Fairchild Semiconductor FQA33N10L Datasheet HTML 2Page - Fairchild Semiconductor FQA33N10L Datasheet HTML 3Page - Fairchild Semiconductor FQA33N10L Datasheet HTML 4Page - Fairchild Semiconductor FQA33N10L Datasheet HTML 5Page - Fairchild Semiconductor FQA33N10L Datasheet HTML 6Page - Fairchild Semiconductor FQA33N10L Datasheet HTML 7Page - Fairchild Semiconductor FQA33N10L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2000 Fairchild Semiconductor International
September 2000
Rev. A, September 2000
QFET
QFET
QFET
QFETTM
FQA33N10L
100V LOGIC N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for low voltage applications such as high efficiency
switching DC/DC converters, and DC motor control.
Features
• 36A, 100V, RDS(on) = 0.052Ω @VGS = 10 V
• Low gate charge ( typical 30 nC)
• Low Crss ( typical 70 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175
°C maximum junction temperature rating
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQA33N10L
Units
VDSS
Drain-Source Voltage
100
V
ID
Drain Current
- Continuous (TC = 25°C)
36
A
- Continuous (TC = 100°C)
25.5
A
IDM
Drain Current
- Pulsed
(Note 1)
144
A
VGSS
Gate-Source Voltage
± 20
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
430
mJ
IAR
Avalanche Current
(Note 1)
36
A
EAR
Repetitive Avalanche Energy
(Note 1)
16.3
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6.0
V/ns
PD
Power Dissipation (TC = 25°C)
163
W
- Derate above 25°C
1.09
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.92
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.24
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
TO-3P
FQA Series
G
S
D


Số phần tương tự - FQA33N10L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
FQA33N10L ISC-FQA33N10L Datasheet
363Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Mô tả tương tự - FQA33N10L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQD13N10L FAIRCHILD-FQD13N10L Datasheet
548Kb / 9P
   100V LOGIC N-Channel MOSFET
FQB33N10L FAIRCHILD-FQB33N10L Datasheet
660Kb / 9P
   100V LOGIC N-Channel MOSFET
FQPF19N10L FAIRCHILD-FQPF19N10L Datasheet
614Kb / 8P
   100V LOGIC N-Channel MOSFET
FQU13N10L FAIRCHILD-FQU13N10L_09 Datasheet
635Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD13N10L KERSEMI-KSMD13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSM13N10L KERSEMI-KSM13N10L Datasheet
1Mb / 6P
   100V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQB19N10L FAIRCHILD-FQB19N10L Datasheet
609Kb / 9P
   100V LOGIC N-Channel MOSFET
FQT7N10L FAIRCHILD-FQT7N10L Datasheet
642Kb / 8P
   100V LOGIC N-Channel MOSFET
FQB7N10L FAIRCHILD-FQB7N10L Datasheet
556Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU13N10L KERSEMI-KSMU13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSMD7N10L KERSEMI-KSMD7N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com