công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5439YRU-REEL7 bảng dữ liệu(PDF) 4 Page - Analog Devices |
|
AD5439YRU-REEL7 bảng dữ liệu(HTML) 4 Page - Analog Devices |
4 / 32 page AD5429/AD5439/AD5449 Rev. C | Page 4 of 32 Parameter1 Min Typ Max Unit Conditions Multiplying Feedthrough Error DAC latches loaded with all 0s, VREF = ±3.5 V 70 dB 1 MHz 48 dB 10 MHz Output Capacitance 12 17 pF DAC latches loaded with all 0s 25 30 pF DAC latches loaded with all 1s Digital Feedthrough 3 5 nV-sec Feedthrough to DAC output with CS high and alternate loading of all 0s and all 1s Output Noise Spectral Density 25 nV/√Hz @ 1 kHz Analog THD 81 dB VREF = 3. 5 V p-p, all 1s loaded, f = 1 kHz Digital THD Clock = 10 MHz, VREF = 3.5 V 100 kHz fOUT 61 dB 50 kHz fOUT 66 dB SFDR Performance (Wide Band) AD5449, 65k codes, VREF = 3.5 V Clock = 10 MHz 500 kHz fOUT 55 dB 100 kHz fOUT 63 dB 50 kHz fOUT 65 dB Clock = 25 MHz 500 kHz fOUT 50 dB 100 kHz fOUT 60 dB 50 kHz fOUT 62 dB SFDR Performance (Narrow Band) AD5449, 65k codes, VREF = 3.5 V Clock = 10 MHz 500 kHz fOUT 73 dB 100 kHz fOUT 80 dB 50 kHz fOUT 87 dB Clock = 25 MHz 500 kHz fOUT 70 dB 100 kHz fOUT 75 dB 50 kHz fOUT 80 dB Intermodulation Distortion AD5449, 65k codes, VREF = 3.5 V f1 = 40 kHz, f2 = 50 kHz 72 dB Clock = 10 MHz f1 = 40 kHz, f2 = 50 kHz 65 dB Clock = 25 MHz POWER REQUIREMENTS Power Supply Range 2.5 5.5 V IDD 0.7 μA TA = 25°C, logic inputs = 0 V or VDD 0.5 10 μA TA = −40°C to +125°C, logic inputs = 0 V or VDD Power Supply Sensitivity 0.001 %/% ∆VDD = ±5% 1 Guaranteed by design and characterization, not subject to production test. |
Số phần tương tự - AD5439YRU-REEL7 |
|
Mô tả tương tự - AD5439YRU-REEL7 |