công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5206EPD bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5206EPD
Giải thích chi tiết về linh kiện  ColdFire Version 2 core, 32-bit data base
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5206EPD bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCF5206EPD Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
MCF5206e Integrated ColdFire® Microprocessor Product Brief
MOTOROLA
MCF5206e Overview
1.1.14 QFP Packages and Operating Frequencies
Table 1 identifies the packages and operating frequencies available for the MCF5206e processor.
1.1.15 Document Availability
Table 2 provides information on documentation available for the MCF5206e microprocessor.
1.1.16 Development Tools
Development tools for the MCF5206e processor consist of a complete suite of compilers and debuggers
available from third-party developers, as shown in Table 3. Any development tool that generates code for
the Motorola ColdFire MCF5206 can do the same for the MCF5206e processor.
Table 1. MCF5206e Package/Frequency Availability
Package
Frequency
Temperature
Plastic Quad Flat Pack 160 lead
40, and 54 MHz
0 to 70 C
Plastic Quad Flat Pack 160 lead
40 MHz
-40 to +85 C
Table 2. Document Availability
Document Order Number
Document Title
MCF5206EPB/D
MCF5206e Integrated Microprocessor Product Brief
MCF5206EUM/D
MCF5206e User’s Manual
CFPRM/D
ColdFire Family Programmer’s Reference Manual
Table 3. Development Tools
Company Name
Company Phone Number
Availability
Compliers/Debuggers
Diab Data
415-571-1700
Now
Software Development Systems
708-368-0400
Now
RTOS
Integrated Systems
408-542-1781
Now
Embeded System Product
617-828-5588
Now
Wind River Systems
510-748-5588
Now
Emulators
Yokogawa/Orion Instruments
408-747-0440
Now
Embeded Support Tools (EST)
617-828-5588
Now
Noral Micrologics
508-647-1013
Lauterbach
508-620-4521
Now
Microtek
503-645-7333
Now
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MCF5206EPD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5206EPB FREESCALE-MCF5206EPB Datasheet
274Kb / 12P
   MCF5206e Integrated ColdFire Microprocessor Product Brief
MCF5206EPB/D FREESCALE-MCF5206EPB/D Datasheet
274Kb / 12P
   MCF5206e Integrated ColdFire Microprocessor Product Brief
More results

Mô tả tương tự - MCF5206EPD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
logo
NXP Semiconductors
MCF52235 NXP-MCF52235 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
logo
Advanced Analogic Techn...
MCF5329DS ANALOGICTECH-MCF5329DS Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
MCF52235 FREESCALE-MCF52235_10 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
logo
NXP Semiconductors
MCF54418 NXP-MCF54418 Datasheet
1Mb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
Rev. 8, 06/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com