công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5206EPD bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5206EPD
Giải thích chi tiết về linh kiện  ColdFire Version 2 core, 32-bit data base
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5206EPD bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MCF5206EPD Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOTOROLA
MCF5206e Integrated ColdFire® Microprocessor Product Brief
5
MCF5206e Overview
1.1.4
Internal SRAM
The 8-Kbyte on-chip SRAM provides one clock-cycle access for the ColdFire core. The SRAM can store
processor stack and critical code or data segments to maximize performance.
1.1.5
DRAM Controller
The MCF5206e DRAM controller provides a glueless interface for up to 2 banks of DRAM, each of which
can range from 128 Kbytes to 256 Mbytes. The controller supports an 8-, 16-, or 32-bit data bus. A unique
addressing schemes allows for increases in system memory size without rerouting address lines and
rewiring boards. The controller operates in fast page or regular mode and supports extended-data-out (EDO)
DRAMs.
1.1.6
MAC Module
The MAC unit provides high performance digital signal processing capabilities for the MCF5206e.
Integrated as an execution unit in the processor’s operand execution pipeline, the MAC unit implements a
three-stage arithmetic pipeline with sustained instruction issue rate of one MAC cycle for 16x16 operations
(while also supporting 32x32 operations). The MAC opcodes provide a full feature set of extensions to the
standard ColdFire instruction set for signed and unsigned operands. In addition to executing the
MAC-specific instructions, this unit also performs all integer multiply opcodes, providing higher
performance for this class of operation.
1.1.7
DMA Controller
The MCF5206e provides two fully programmable DMA channels for quick data transfer (32 bits, with
packing and unpacking supported). Each channel has an external request pin associated with it. Single and
dual address mode is supported with the ability for program bursting and cycle stealing. With
auto-alignment enabled, efficient block transfers of up to 128 bits can be achieved.
1.1.8
Dual UART Modules
The UART modules contain independent receivers and transmitters that are clocked by the UART internal
timer. This timer is clocked by the system clock or an external clock supplied by the TIN pin. Data formats
can be 5, 6, 7 or 8 bits with even, odd, or no parity, and as many as two stop bits in 1/16 increments.
Four-byte receive buffers and 2-byte transmit buffers minimize CPU service calls. The UART modules also
provide
several
error-detection
and
maskable-interrupt
capabilities.
Modem
support
includes
request-to-send (RTS) and clear-to-send (CTS) signals.
The system clock provides the clocking function via a programmable prescaler. Select full duplex, autoecho
loopback, local loopback, and remote loopback modes. The programmable UARTs can interrupt the CPU
on various normal or error condition events.
1.1.9
Dual Timer Module
The timer module includes two general-purpose timers, each of which contains a free-running 16-bit timer
for use in any of the three modes. One mode captures the timer value with an external event; another mode
triggers an external signal or interrupts the CPU when the timer reaches a set value, while a third mode
counts external events. The timer unit has an 8-bit prescaler that allows programming of the clock input
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MCF5206EPD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5206EPB FREESCALE-MCF5206EPB Datasheet
274Kb / 12P
   MCF5206e Integrated ColdFire Microprocessor Product Brief
MCF5206EPB/D FREESCALE-MCF5206EPB/D Datasheet
274Kb / 12P
   MCF5206e Integrated ColdFire Microprocessor Product Brief
More results

Mô tả tương tự - MCF5206EPD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
logo
NXP Semiconductors
MCF52235 NXP-MCF52235 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
logo
Advanced Analogic Techn...
MCF5329DS ANALOGICTECH-MCF5329DS Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
MCF52235 FREESCALE-MCF52235_10 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
logo
NXP Semiconductors
MCF54418 NXP-MCF54418 Datasheet
1Mb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
Rev. 8, 06/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com