công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5206EPD bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5206EPD
Giải thích chi tiết về linh kiện  ColdFire Version 2 core, 32-bit data base
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5206EPD bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MCF5206EPD Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5206EPD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOTOROLA
MCF5206e Integrated ColdFire® Microprocessor Product Brief
3
MCF5206e Overview
— 16 user-visible 32-bit wide registers
— Supervisor and user modes for system protection
— Vector base register to relocate exception-vector table
— Optimized for high level language constructs
— 50 MIPS at 54 MHz
Multiply accumulate
— High speed, complex arithmetic functions for signal processing applications
— Single clock issue rate with 3-stage execution pipeline
— One MAC cycle for 16x16 and 32x32 multiplies, all with 32-bit accumulate
— Four-Kbyte direct-mapped instruction cache
— Eight-Kbyte on-chip SRAM that provides one-cycle access to critical code and data
DRAM controller
— Programmable refresh timer provides CAS before RAS refresh
— Support for 2 separate memory banks
— Support for fast page mode DRAMs and extended-data-out (EDO) DRAMs
— External bus master access
DMA controller
— Two fully programmable channels with external request pins supporting dual-address and
single address transfers with 32-bit capability
— Two address pointers per channel that can increment or remain constant
— 16-bit transfer counter per channel
— Operand packing and unpacking
— Auto-alignment transfers for efficient block movement
— Bursting and cycle stealing
— Two clock-cycle internal access
Two universal synchronous/asynchronous receiver/transmitters (UARTs)
— Full duplex operation
— Baud-rate generator
— Modem control signals (CTS, RTS)
— Processor-interrupt capability
Dual 16-bit general-purpose multimode timers
— 8-bit prescaler
— Timer input and output pins
— 12 ns resolution with 54 MHz system clock
— Processor interrupt capability
Motorola bus (M-Bus) module
— Interchip bus interface for EEPROMs, LCD controllers, A/D converters, keypads
— Compatible with industry-standard I2C bus
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MCF5206EPD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5206EPB FREESCALE-MCF5206EPB Datasheet
274Kb / 12P
   MCF5206e Integrated ColdFire Microprocessor Product Brief
MCF5206EPB/D FREESCALE-MCF5206EPB/D Datasheet
274Kb / 12P
   MCF5206e Integrated ColdFire Microprocessor Product Brief
More results

Mô tả tương tự - MCF5206EPD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
logo
NXP Semiconductors
MCF52235 NXP-MCF52235 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
logo
Advanced Analogic Techn...
MCF5329DS ANALOGICTECH-MCF5329DS Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
MCF52235 FREESCALE-MCF52235_10 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
logo
NXP Semiconductors
MCF54418 NXP-MCF54418 Datasheet
1Mb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
Rev. 8, 06/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com